Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC7130 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 1 Page - Linear Technology

  LTC7130 Datasheet HTML 1Page - Linear Technology LTC7130 Datasheet HTML 2Page - Linear Technology LTC7130 Datasheet HTML 3Page - Linear Technology LTC7130 Datasheet HTML 4Page - Linear Technology LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC7130
1
7130fb
For more information www.linear.com/LTC7130
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®7130 is a current mode synchronous step-down
monolithic converter that can deliver up to 20A continuous
loadcurrent.Itemploysauniquearchitecturewhichenhances
the signal-to-noise ratio of the current sense signal, allow-
ing the use of a very low DC resistance power inductor to
maximizeefficiencyinhighcurrentapplications.Thisfeature
also reduces the switching jitter commonly found in low
DCR applications. The LTC7130 also includes a high speed
differentialremotesenseamplifierandaprogrammablecur-
rent sense limit that can be selected from 10mV to 30mV to
set the output current limit up to 20A. In addition, the DCR
temperature compensation feature limits the maximum
output current precisely over temperature.
The LTC7130 also features a precise 0.6V reference with a
guaranteedlimitof±0.5%thatprovidesanaccurateoutput
voltage. A 5V to 20V input voltage range supports a wide
variety of bus voltages and various types of batteries.
TheLTC7130isofferedinacompactandlowprofileBGApack-
age available with SnPb/RoHS compliant terminal finishes.
APPLICATIONS
n
Wide VIN Range: 4.5V to 20V
n
Optimized for Low Duty Cycle Applications
n
High Efficiency: Up to 95%
n
LTC Proprietary Current Mode Architecture
n
High Current Parallel Operation
n
Ultralow DCR Current Sensing with
Temperature Compensation
n
Programmable Output Current Limit
n
High Speed Differential Remote Sense Amplifier
n
±0.5% Output Voltage Regulation Accuracy
n
Output Short-Circuit Protection with Soft Recovery
n
Programmable Soft-Start, Tracking
n
Programmable Fixed Frequency: 250kHz to 770kHz
n
EXTVCC for Reduced Power Dissipation
n
Fault Indicator for Output UV/OV Conditions
n
6.25mm × 7.5mm × 2.22mm BGA Package
n
DSP, FPGA, ASIC Reference Designs
n
Telecom/Datacom Systems
n
Distributed High Power Density Systems
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, μModule, Linear Technology and the Linear logo are
registered trademarks and No RSENSE is a trademark of Analog Devices, Inc. All other trademarks
are the property of their respective owners. Protected by U.S. Patents, including 5481178,
5705919, 5929620, 6177787, 6580258, 6498466, 6611131, patent pending.
High Efficiency, 1.5V/20A Step-Down Converter with Very Low DCR Sensing
Efficiency vs Load Current
20V 20A Monolithic Buck
Converter with Ultralow
DCR Sensing
EFFICIENCY
POWER LOSS
VIN = 12V
VOUT = 1.5V
L = 0.25H (DCR = 0.37mΩ)
EXTVCC = 5V
CCM
LOAD CURRENT (A)
0
2
4
6
8 10 12 14 16 18 20
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
7130 TA01b
20k
CMDSH2-3
0.1µF
0.25µH
(0.37m
DCR)
3.09k
220nF
619Ω
4.7µF
1µF
2.2Ω
121k
470µF
×2
220pF
470µF
20k
30.1k
1nF
INTVCC
TK/SS
ITH
GND
SVIN
FREQ
SNS
SNSA+
SNSD+
SW
BOOST
ILIM
LTC7130
DIFFN
DIFFP
MODE/PLLIN
DIFFOUT
VFB
VOUT
1.5V
20A
ITEMP
SGND
RUN
VIN
VIN = 5V
TO 20V
PINS NOT USED
IN THIS CIRCUIT:
PGOOD
CLKOUT
EXTVCC
220nF
+
+
0.1µF
INTVCC
3.01k
1k
2.2Ω
7130 TA01a


Similar Part No. - LTC7130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7130 AD-LTC7130 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTC7130 AD-LTC7130 Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
More results

Similar Description - LTC7130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
logo
uPI Group Inc.
UP1961S UPI-UP1961S Datasheet
214Kb / 12P
Dual-Phase MOSFET Drivers DCR current sensing with Phase Extension
logo
Shenzhen Huazhimei Semi...
HM1498 HMSEMI-HM1498 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Buck Converter with Port Controller
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
logo
Maxim Integrated Produc...
MAX77812 MAXIM-MAX77812_V01 Datasheet
2Mb / 69P
20A User-Configurable Quad-Phase Buck Converter
2020
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Texas Instruments
TPS61289 TI1-TPS61289 Datasheet
2Mb / 22P
TPS61289 23VLOW , 25VHIGH, 20A Bidirectional BUCK/BOOST Converter
REVISED JANUARY 2024
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com