Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTC20154 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 1 Page - STMicroelectronics

  MTC20154 Datasheet HTML 1Page - STMicroelectronics MTC20154 Datasheet HTML 2Page - STMicroelectronics MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
MTC20154
February 2004
Features
Fully integrated AFE for ADSL
Overall 12 bit resolution, 1.1MHz signal
bandwidth
8.8 MS/s ADC
8.8 MS/s DAC
THD: -60 dB @ full scale
1V full scale input
Differential analog I/O
Accurate continuous-time channel filtering
3
rd & 4th order tunable continuous time LP
Filters
64 pin TQFP package
350mW power consumption
Applications
ADSL Front-end for all full rate and Lite
standards
DESCRIPTION
The MTC20154 is the fifth generation Analog
Front End (AFE) designed for DMT based ADSL
(Asynchronous Digital Subscriber Line) modems
compliant with ANSI T1.413 category 2 standard.
It includes one 12 bit DAC and one 13 bit ADC.It is
intended
to
be
used
with
the
MTC20156/
MTC20147 DMT/ATM processors as part of the
MTK20150/MTK20141 chipsets, but may also be
used to support other xDSL signal processors.
The MTC20154 provides programmable low pass
filters for each of the two channels and automatic
gain control. A configuration pin allows the filters to
be switched from ATU-R mode to ATU-C mode.
The pipeline ADC architecture provides 13 bit dy-
namic range and a signal bandwith of 1.1 MHz.
The device consumes only 0.35 Watt in full opera-
tion and has a power down mode for standby. It is
housed in a compact 64 pin thin plastic quad flat
package.
TQFP64
(10 x 10 1.4mm)
ORDERING NUMBER:
MTC10154TQ-C (Temp.: 0 to 70°C)
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Figure 1. Block Diagram
Tuning
circuit
I/V - Ref
Xtal-driver
VCXO DAC
ICCQ
Calibration
CTRL/TST
ifce
G= -9..6dB
1dB step
TXP
TXN
RXP
RXN
AACrx AGCrx
AGCtx
A = -15..0dB, 5dB step
G = -0..31dB, 1dB step
12bits
13bits
4bits
4bits
MUX
MUX
1.1MHz
HC/DS
138KHz
SC/US
ADC
DAC


Similar Part No. - MTC20154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTC20136 STMICROELECTRONICS-MTC20136 Datasheet
634Kb / 25P
ADSL TRANSCEIVER CONTROLLER
Feb-2004
MTC20136MB-I1 STMICROELECTRONICS-MTC20136MB-I1 Datasheet
634Kb / 25P
ADSL TRANSCEIVER CONTROLLER
Feb-2004
MTC20136PQ-L1 STMICROELECTRONICS-MTC20136PQ-L1 Datasheet
634Kb / 25P
ADSL TRANSCEIVER CONTROLLER
Feb-2004
MTC20174 STMICROELECTRONICS-MTC20174 Datasheet
121Kb / 6P
PCI/USB ADSL CHIPSET
Sep-2004
MTC20174-TQ-C1 STMICROELECTRONICS-MTC20174-TQ-C1 Datasheet
121Kb / 6P
PCI/USB ADSL CHIPSET
Sep-2004
More results

Similar Description - MTC20154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
CPE ADSL ANALOG FRONT END
Sep-2001
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
G.dmt ADSL Analog Front End IC
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
ADSL Analog Front End Chip
February 1999
logo
Texas Instruments
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
ADSL ANALOG FRONT-END
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com