Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS-K376 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-K376
Description  colorless, clear 3 mm (T1) package with specially shaped lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-K376 Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-K376 Datasheet HTML 1Page - OSRAM GmbH LS-K376 Datasheet HTML 2Page - OSRAM GmbH LS-K376 Datasheet HTML 3Page - OSRAM GmbH LS-K376 Datasheet HTML 4Page - OSRAM GmbH LS-K376 Datasheet HTML 5Page - OSRAM GmbH LS-K376 Datasheet HTML 6Page - OSRAM GmbH LS-K376 Datasheet HTML 7Page - OSRAM GmbH LS-K376 Datasheet HTML 8Page - OSRAM GmbH LS-K376 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LS K376, LA K376, LO K376, LY K376,
2000-09-19
5
Relative spektrale Emission
I
rel = f (
l), T
A =25 °C, IF =20 mA
Relative Spectral Emission
V(
l) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (j)
Radiation Characteristic
OHL00235
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
I
rel
λ
Vλ
yellow
orange
amber
super-red
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01277
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com