Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HA5024IPZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA5024IPZ
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IPZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA5024IPZ Datasheet HTML 1Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 2Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 3Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 4Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 5Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 6Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 7Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 8Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3550 Rev 6.00
Page 1 of 17
February 8, 2006
FN3550
Rev 6.00
February 8, 2006
HA5024
Quad 125MHz Video CurrentFeedback Amplifier with Disable
DATASHEET
The HA5024 is a quad version of the popular Intersil
HA5020. It features wide bandwidth and high slew rate, and
is optimized for video applications and gains between 1 and
10. It is a current feedback amplifier and thus yields less
bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
cables, make this
amplifier ideal for demanding video applications.
The HA5024 also features a disable function that
significantly reduces supply current while forcing the output
to a true high impedance state. This functionality allows 2:1
and 4:1 video multiplexers to be implemented with a single IC.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
Features
• Quad Version of HA-5020
• Individual Output Enable/Disable
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800V
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
s
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
5V Supplies
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video Multiplexers; Video Switching and Routing
• Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
Pinout
HA5024
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA5024IP
HA5024IP
-40 to 85
20 Ld PDIP
E20.3
HA5024IPZ
(Note)
HA5024IPZ
-40 to 85
20 Ld PDIP*
(Pb-free)
E20.3
HA5024IB
HA5024IB
-40 to 85
20 Ld SOIC
M20.3
HA5024IBZ
(Note)
HA5024IBZ
-40 to 85
20 Ld SOIC
(Pb-free)
M20.3
HA5024IBZ96
(See Note)
HA5024IBZ
-40 to 85
20 Ld SOIC
Tape and Reel
(Pb-free)
M20.3
HA5024EVAL
High Speed Op Amp DIP Evaluation
Board
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OUT1
-IN1
+IN1
DIS1
NC
V+
+IN2
DIS2
-IN2
OUT2
OUT4
+IN4
DIS4
NC
-IN4
V-
DIS3
+IN3
-IN3
OUT3
+
-
+
-
+-
+-
NOT RECOMME
NDED FOR NEW
DESIGNS
RECOMMENDE
D REPLACEME
NT PART
HA5023


Similar Part No. - HA5024IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5024IPZ INTERSIL-HA5024IPZ Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
More results

Similar Description - HA5024IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013 INTERSIL-HA5013 Datasheet
175Kb / 14P
Triple, 125MHz Video Amplifier
September 1998
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
Dual 125MHz Video CurrentFeedback Amplifier
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com