Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HA5024IPZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA5024IPZ
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IPZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA5024IPZ Datasheet HTML 9Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 10Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 11Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 12Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 13Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 14Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 15Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 16Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 14 of 17
February 8, 2006
FIGURE 31. -INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 32. TRANSIMPEDANCE vs TEMPERATURE
FIGURE 33. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 34. REJECTION RATIO vs TEMPERATURE
FIGURE 35. SUPPLY CURRENT vs DISABLE INPUT VOLTAGE
FIGURE 36. OUTPUT SWING vs TEMPERATURE
Typical Performance Curves
VSUPPLY = 5V, AV = +1, RF = 1k RL = 400 TA = 25°C,
Unless Otherwise Specified (Continued)
22
20
18
16
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (°C)
TEMPERATURE (°C)
4000
3000
2000
1000
-60
-40
-20
0
40
60
80
100
120 140
20
3
4
5
6
7
8
9
10
11
12
13
14
15
25
20
15
10
5
SUPPLY VOLTAGE (
V)
125°C
55°C
25°C
58
60
62
64
66
68
70
72
74
-100
-50
0
50
100
150
+PSRR
-PSRR
CMRR
200
250
TEMPERATURE (°C)
1
02
3
4
5
6
7
8
9 10 11 12 13 14 15
DISABLE INPUT VOLTAGE (V)
40
30
20
10
0
+5V
+10V
+15V
4.0
3.8
3.6
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com