Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX4704 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4704
Description  Low-Voltage, 60廓,4:1 Analog Multiplexer in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4704 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4704 Datasheet HTML 3Page - Maxim Integrated Products MAX4704 Datasheet HTML 4Page - Maxim Integrated Products MAX4704 Datasheet HTML 5Page - Maxim Integrated Products MAX4704 Datasheet HTML 6Page - Maxim Integrated Products MAX4704 Datasheet HTML 7Page - Maxim Integrated Products MAX4704 Datasheet HTML 8Page - Maxim Integrated Products MAX4704 Datasheet HTML 9Page - Maxim Integrated Products MAX4704 Datasheet HTML 10Page - Maxim Integrated Products MAX4704 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low-Voltage, 60
,
4:1 Analog Multiplexer in QFN
_______________________________________________________________________________________
7
Detailed Description
The MAX4704 low-voltage, 4-channel analog multiplexer
operates from a single +1.8V to +5.5V supply. When
powered from a +2.7V supply, the device has a 60
(max) on-resistance (RON), with 3
Ω (max) RON matching
and 5
Ω (max) RON flatness. The digital logic inputs are
+1.8V-logic compatible from a +2.7V to +3.3V supply.
Applications Information
Digital Control Inputs
The MAX4704 logic inputs are +1.8V CMOS logic com-
patible for 3V operation and TTL compatible for 5V
operation of V+. Driving ADD_ rail-to-rail minimizes
power consumption.
Analog Signal Levels
Analog signals that range over the entire supply volt-
age (V+ to GND) are passed with very little change in
on-resistance (see Typical Operating Characteristics).
The switches are bidirectional, so the NO_ and COM
pins can be either inputs or outputs.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond those listed may
cause permanent damage to devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current limited. If this sequencing is not possible, and if
the analog inputs are not current limited to <20mA, add
a small-signal diode (D1) as shown in Figure 1. If the
analog signal can dip below GND, add D2. Adding
protection diodes reduces the analog range to a diode
drop (about 0.7V) below V+ (for D1), and a diode drop
above ground (for D2). On-resistance increases slightly
at low supply voltages. Maximum supply voltage (V+)
must not exceed +6V.
Adding protection diode D2 causes the logic threshold
to be shifted relative to GND. TTL compatibility is not
guaranteed when D2 is added.
Protection diodes D1 and D2 also protect against some
overvoltage situations. In the circuit in Figure 1, if the
supply voltage is below the absolute maximum rating,
and if a fault voltage up to the absolute maximum rating
is applied to an analog signal pin, no damage will result.
POSITIVE SUPPLY
COM
NO
D2
D1
GND
Vg
V+
MAX4704
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
Pin Description
PIN
µMAX
QFN
NAME
FUNCTION
10
1
V+
Positive Supply Voltage
2, 8
N.C.
No Connection. Not internally connected.
1
3
NO2
Analog Switch 2. Normally open.
2
4
NO3
Analog Switch 3. Normally open.
3
5
NO1
Analog Switch 1. Normally open.
4
6
INH
Inhibit. Connect to GND for normal operation. Connect to logic-level high to turn
all switches off.
5
7
GND
Ground
6
9
ADDB
Address Decoder Selection B
7
10
ADDA
Address Decoder Selection A
8
11
NO0
Analog Switch 0. Normally open.
9
12
COM
Analog Switch Common Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com