Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX4704 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4704
Description  Low-Voltage, 60廓,4:1 Analog Multiplexer in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4704 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4704 Datasheet HTML 3Page - Maxim Integrated Products MAX4704 Datasheet HTML 4Page - Maxim Integrated Products MAX4704 Datasheet HTML 5Page - Maxim Integrated Products MAX4704 Datasheet HTML 6Page - Maxim Integrated Products MAX4704 Datasheet HTML 7Page - Maxim Integrated Products MAX4704 Datasheet HTML 8Page - Maxim Integrated Products MAX4704 Datasheet HTML 9Page - Maxim Integrated Products MAX4704 Datasheet HTML 10Page - Maxim Integrated Products MAX4704 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Low-Voltage, 60
,
4:1 Analog Multiplexer in QFN
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams (continued)
0
V+
VINH
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
REPEAT TEST FOR EACH SECTION.
Q =
∆ VOUT X CL
VOUT
V+
VOUT
VNO = 0
VINH
GND
V+
ADDB
CHANNEL
SELECT
ADDA
INH
NO_
COM
MAX4704
CL
1000pF
Figure 5. Charge Injection
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL (A, B) TO OTHER CHANNEL.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
V+
VOUT
VIN
GND
V+
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
50
50
OFF-ISOLATION = 20log
ON-LOSS = 20log
CROSSTALK = 20log
50
REF.
ADDB
VOUT
VIN
VOUT
VIN
ADDA
CHANNEL
SELECT
INH
NO_
COM
10nF
MAX4704
Figure 6. Off-Isolation, On-Loss, and Crosstalk
V+
GND
V+
ADDB
ADDA
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
INH
NO_
NO_
COM
MAX4704
Figure 7. NO_/COM Capacitance
Chip Information
TRANSISTOR COUNT: 256
PROCESS: CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com