Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6200C Datasheet(PDF) 3 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 3 Page - ams AG

  AS6200C Datasheet HTML 1Page - ams AG AS6200C Datasheet HTML 2Page - ams AG AS6200C Datasheet HTML 3Page - ams AG AS6200C Datasheet HTML 4Page - ams AG AS6200C Datasheet HTML 5Page - ams AG AS6200C Datasheet HTML 6Page - ams AG AS6200C Datasheet HTML 7Page - ams AG AS6200C Datasheet HTML 8Page - ams AG AS6200C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Document Feedback
AS6200C
General Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 3
1
General Description
The AS6200C IC is a high accuracy temperature sensor system that communicates via a 2 wire digital
bus with other devices. It consists of a Si bandgap temperature sensor, an ADC and a digital signal
processor.
It has a very high temperature accuracy (±0.2°C between -10°C to 20°C) and an ultra-low power
consumption (low operation and quiescent current) which makes it ideally suited for mobile/battery
powered applications.
The AS6200C is an easy to integrate and use solution, featuring a factory-calibrated sensor,
integrated linearization and the possibility to use 2 different I²C addresses, enabling to use two
AS6200C devices on one bus.
Additionally the AS6200C temperature sensor system also features an alert functionality, which
triggers e.g. an interrupt to protect devices from excessive temperatures.
1.1
Key Benefits & Features
The benefits and features of AS6200C, are listed below:
Figure 1:
Added Value of Using AS6200C
Benefits
Features
High Measurement Accuracy
± 0.2 °C (-10 °C to 20 °C)
± 0.25°C (-20 °C to -10 °C)
± 0.4 °C (-30 °C to -20 °C and 20 °C to 50 °C)
± 1 °C remaining operating temperature span
Low Power Consumption
6 µA @Operation (typical, @ 4 Hz)
0.1 µA @Standby (typical)
Supply Voltage Range
1.8
– 3.6 V
Small PCB Footprint
1.5 mm x 1 mm (WLCSP)
1.2
Applications
●
Cold chain monitoring data loggers
●
Cold chain storage systems
●
Refrigerators and cooling systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com