Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ADC0803 Datasheet HTML 1Page - Renesas Technology Corp ADC0803 Datasheet HTML 2Page - Renesas Technology Corp ADC0803 Datasheet HTML 3Page - Renesas Technology Corp ADC0803 Datasheet HTML 4Page - Renesas Technology Corp ADC0803 Datasheet HTML 5Page - Renesas Technology Corp ADC0803 Datasheet HTML 6Page - Renesas Technology Corp ADC0803 Datasheet HTML 7Page - Renesas Technology Corp ADC0803 Datasheet HTML 8Page - Renesas Technology Corp ADC0803 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 5 of 17
August 2002
FIGURE 1C. t0H
FIGURE 1D. t0H, CL = 10pF
FIGURE 1. THREE-STATE CIRCUITS AND WAVEFORMS
Timing Waveforms (Continued)
10K
V+
RD
CS
CL
DATA
OUTPUT
V+
RD
2.4V
tr
90%
50%
10%
t0H
0.8V
DATA
OUTPUTS
VOI
tr = 20ns
V+
10%
Typical Performance Curves
FIGURE 2. LOGIC INPUT THRESHOLD VOLTAGE vs SUPPLY
VOLTAGE
FIGURE 3. DELAY FROM FALLING EDGE OF RD TO OUTPUT
DATA VALID vs LOAD CAPACITANCE
FIGURE 4. CLK IN SCHMITT TRIP LEVELS vs SUPPLY
VOLTAGE
FIGURE 5. fCLK vs CLOCK CAPACITOR
-55oC TO 125oC
1.8
1.7
1.6
1.5
1.4
1.3
4.75
4.50
5.00
5.25
5.50
V+ SUPPLY VOLTAGE (V)
500
400
300
200
100
0
LOAD CAPACITANCE (pF)
200
400
600
800
1000
3.5
3.1
2.7
2.3
1.9
1.5
4.50
V+ SUPPLY VOLTAGE (V)
-55oC TO 125oC
VT(-)
VT(+)
4.75
5.00
5.25
5.50
1000
CLOCK CAPACITOR (pF)
100
100
10
1000
R = 10K
R = 50K
R = 20K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com