Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ADC0803 Datasheet HTML 3Page - Renesas Technology Corp ADC0803 Datasheet HTML 4Page - Renesas Technology Corp ADC0803 Datasheet HTML 5Page - Renesas Technology Corp ADC0803 Datasheet HTML 6Page - Renesas Technology Corp ADC0803 Datasheet HTML 7Page - Renesas Technology Corp ADC0803 Datasheet HTML 8Page - Renesas Technology Corp ADC0803 Datasheet HTML 9Page - Renesas Technology Corp ADC0803 Datasheet HTML 10Page - Renesas Technology Corp ADC0803 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 7 of 17
August 2002
FIGURE 10B. OUTPUT ENABLE AND RESET INTR
Timing Diagrams (Continued)
VALID
DATA
VALID
DATA
INTR RESET
INTR
CS
RD
DATA
OUTPUTS
THREE-STATE
(HI-Z)
tRI
tACC
t1H, t0H
TRANSFER FUNCTION
ERROR PLOT
FIGURE 11A. ACCURACY =
0 LSB; PERFECT A/D
TRANSFER FUNCTION
ERROR PLOT
FIGURE 11B. ACCURACY =
1/2 LSB
FIGURE 11. CLARIFYING THE ERROR SPECS OF AN A/D CONVERTER
ANALOG INPUT (VIN)
D + 1
D
D - 1
A + 1
A
A - 1
3
2
1
56
4
3
2
15
6
4
0
+1 LSB
-1 LSB
-1/2 LSB
+1/2 LSB
* QUANTIZATION ERROR
A
ANALOG INPUT (VIN)
A + 1
A - 1
ANALOG INPUT (VIN)
D + 1
D
D - 1
A + 1
A
A - 1
3
2
1
5
6
4
*
0
+1 LSB
-1 LSB
QUANTIZATION
3
2
1
6
4
ANALOG INPUT (VIN)
A + 1
A
A - 1
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com