Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6227 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6227
Description  Dual Mobile-Friendly PWM Controller with DDR Option
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6227 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6227 Datasheet HTML 9Page - Renesas Technology Corp ISL6227 Datasheet HTML 10Page - Renesas Technology Corp ISL6227 Datasheet HTML 11Page - Renesas Technology Corp ISL6227 Datasheet HTML 12Page - Renesas Technology Corp ISL6227 Datasheet HTML 13Page - Renesas Technology Corp ISL6227 Datasheet HTML 14Page - Renesas Technology Corp ISL6227 Datasheet HTML 15Page - Renesas Technology Corp ISL6227 Datasheet HTML 16Page - Renesas Technology Corp ISL6227 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Block Diagram
ERROR AMP 1
VHYS = 15mV
VSEN1
HYSTERETIC COMPARATOR 1
MODE CHANGE COMP 1
300k
PWM1
+ 0.9V
ISEN1
140
SAMPLE
CURRENT
SAMPLE
CURRENT
PHASE1
PGND1
UGATE1
BOOT1
LGATE1
VCC
0.9V REFERENCE
OCSET1
1/2.9
OCSET1
1/33.1
ISEN1
ERROR AMP 2
ADAPTIVE DEAD-TIME
VHYS = 15mV
VSEN2
HYSTERETIC COMPARATOR 2
MODE CHANGE COMP 2
1M
15pF
1.25pF
500k
300k
PWM2
+
0.9V
ISEN2
140
SAMPLE
CURRENT
SAMPLE
CURRENT
PHASE2
PGND2
UGATE2
BOOT2
LGATE2
VCC
DIODE EMULATION
V/I SAMPLE TIMING
+
0.9V REFERENCE
OCSET2
1/2.9
OCSET2
1/33.1
ISEN2
DDR
VIN
VCC
DUTY CYCLE RAMP GENERATOR
PWM CHANNEL PHASE CONTROL
OC2
OC1
DDR = 0
DDR = 1
DDR VTT
DDR = 0
DDR = 1
8 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO LATCH
OVERCURRENT FAULT
8 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO CHANGE
PWM OR HYS MODE
8 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO CHANGE
PWM OR HYS MODE
8 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO LATCH
OVERCURRENT FAULT
VCC
PG1
REFERENCE
OV UV
PGOOD
DDR VREF
BUFFER AMP
DDR = 1
DDR = 0
1.25pF
500k
1M
15pF
OV UV
PGOOD
VOUT1
VOUT2
PWM/HYS TRANSITION
ADAPTIVE DEAD-TIME
DIODE EMULATION
V/I SAMPLE TIMING
PWM/HYS TRANSITION
VOLTS/SEC
CLAMP
VOLTS/SEC
CLAMP
OC1 DDR
POR
FAULT LATCH
BIAS SUPPLIES
REFERENCE
ENABLE
SOFT-START
GND
EN1
EN2
REF/PG2
SOFT1
SOFT2
DDR MODE
CONTROL
OC2
REF
REF
(200k
, DDR = 1)
4.4k
4.4k
DDR EN1 EN2
VIN
CH1/CH2
01
1
0V
28.0V
180°
11
1
4.2 <
VIN < 28.0V
VIN < 4.2
90°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com