Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6227 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6227
Description  Dual Mobile-Friendly PWM Controller with DDR Option
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6227 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6227 Datasheet HTML 17Page - Renesas Technology Corp ISL6227 Datasheet HTML 18Page - Renesas Technology Corp ISL6227 Datasheet HTML 19Page - Renesas Technology Corp ISL6227 Datasheet HTML 20Page - Renesas Technology Corp ISL6227 Datasheet HTML 21Page - Renesas Technology Corp ISL6227 Datasheet HTML 22Page - Renesas Technology Corp ISL6227 Datasheet HTML 23Page - Renesas Technology Corp ISL6227 Datasheet HTML 24Page - Renesas Technology Corp ISL6227 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ISL6227
FN9094 Rev 7.00
Page 21 of 27
May 4, 2009
Application Information
Design Procedures
GENERAL
A ceramic decoupling capacitor should be used between the
VCC and GND pin of the chip. There are three major
currents drawn from the decoupling capacitor:
1. the quiescent current, supporting the internal logic and
normal operation of the IC
2. the gate driver current for the lower MOSFETs
3. and the current going through the external diodes to the
bootstrap capacitor for upper MOSFET.
In order to reduce the noisy effect of the bootstrap capacitor
current to the IC, a small resistor, such as 10
, can be used
with the decoupling capacitor to construct a low pass filter for
the IC, as shown in Figure 41. The soft-start capacitor and
the resistor divider setting the output voltage is easy to
select as discussed in the “Block Diagram” on page 13.
Selection of the Current Sense Resistor
The value of the current sense resistor determines the gain
of the current sensing circuit. It affects the current loop gain
and the overcurrent protection setpoint. The voltage drop on
the lower MOSFET is sensed within 400ns after the upper
MOSFET is turned off. The current sense pin has a 140
resistor in series with the external current sensing resistor.
The current sense pin can source up to a 260µA current
while sensing current on the lower MOSFET, in such a way
that the voltage drop on the current sensing path would be
equal to the voltage on the MOSFET.
ID can be assumed to be the inductor peak current. In a
worst case scenario, the high temperature rDS(ON) could
increase to 150% of the room temperature level. During
overload condition, the MOSFET drain current ID could be
130% higher than the normal inductor peak. If the inductor
has 30% peak-to-peak ripple, ID would equal to 115% of the
load current. The design should consider the above factors
so that the maximum ISOURCING will not saturate to 260µA
under worst case conditions. To be safe, ISOURCING should
be less than 100µA in normal operation at room
temperature. The formula in the earlier discussion assumes
a 75µA sourcing current. Users can tune the sourcing
current of the ISEN pin to meet the overcurrent protection
and the change the current loop gain. The lower the current
sensing resistor, the higher gain of the current loop, which
can damp the output LC filter more.
A higher value current-sensing resistor will decrease the
current sense gain. If the phase node of the converter is very
noisy due to poor layout, the sensed current will be
contaminated, resulting in duty cycle jittering by the current
loop. In such a case, a bigger current sense resistor can be
used to reduce both real and noise current levels. This can
help damp the phase node wave form jittering.
Sometimes, if the phase node is very noisy, a resistor can be
put on the ISEN pin to ground. This resistor together with the
RCS can divide the phase node voltage down, seen by the
internal current sense amplifier, and reduce noise coupling.
Sizing the Overcurrent Setpoint Resistor
The internal 0.9V reference is buffered to the OCSET pin
with a voltage follower (refer to the equivalent circuit in
Figure 42). The current going through the external
overcurrent set resistor is sensed from the OCSET pin. This
current, divided by 2.9, sets up the overcurrent threshold and
compares with the scaled ISEN pin current going through
RCS with an 8µA offset. Once the sensed current is higher
than the threshold value, an OC signal is generated. The first
OC signal starts a counter and activates a pulse skipping
function. The inductor current will be continuously monitored
through the phase node voltage after the first OC trip. As
long as the sensed current exceeds the OC threshold value,
the following PWM pulse will be skipped. This operation will
be the same for 8 switching cycles. Another OC occurring
between 8 to 16 switching cycles would result in a latch off
with both upper and lower drives low. If there is no OC within
8 to 16 switching cycles, normal operation resumes.
10
VCC
TO BOOT
5V
FIGURE 41. INPUT FILTERING FOR THE CHIP
ISOURCING RCS 140
+

IDrDS ON

=
(EQ.17)
FIGURE 42. EQUIVALENT CIRCUIT FOR OC SIGNAL
GENERATOR
0.9V
AMPLIFIER
COMPARATOR
+2.9
OC
OCSET
RSET
rDS(ON)
_
+
+33.1
8uA
+ +
PHASE
ISEN
REFERENCE
ISENSE
140
RCS
8µA
+
-
+
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com