Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS30R06VE3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS30R06VE3
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS30R06VE3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS30R06VE3 Datasheet HTML 1Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 2Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 3Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 4Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 5Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 6Page - Infineon Technologies AG FS30R06VE3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TechnischeInformation/TechnicalInformation
FS30R06VE3
IGBT-Module
IGBT-modules
preparedby:DPK
approvedby:RK
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
Diode,Wechselrichter/Diode,Inverter
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

600
 V
Dauergleichstrom
ContinuousDCforwardcurrent

IF

30
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

60
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 150°C
I²t

90,0
82,0
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 30 A, VGE = 0 V
IF = 30 A, VGE = 0 V
IF = 30 A, VGE = 0 V
VF
1,60
1,55
1,50
2,05
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 30 A, - diF/dt = 2100 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
IRM

44,0
48,0
49,0

A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Sperrverzögerungsladung
Recoveredcharge
IF = 30 A, - diF/dt = 2100 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
Qr

1,30
2,30
2,70

µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 30 A, - diF/dt = 2100 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
Erec

0,35
0,55
0,65

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC

2,20
2,40
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,85
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

150
°C
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

2,5
 kV
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)


Al2O3
 
Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


5,0
5,0
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


3,2
3,2
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex

CTI

> 225
 
min.
typ.
max.
Modulstreuinduktivität
Strayinductancemodule

LsCE

25

nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RCC'+EE'

9,50

m
Lagertemperatur
Storagetemperature

Tstg
-40

125
°C
Anpresskraft für mech. Bef. pro Feder
mountig force per clamp

F
30
-
50
N
Gewicht
Weight

G

10

g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com