Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTR6545 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HTR6545
Description  SFF TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HTR6545 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HTR6545 Datasheet HTML 1Page - Hitachi Semiconductor HTR6545 Datasheet HTML 2Page - Hitachi Semiconductor HTR6545 Datasheet HTML 3Page - Hitachi Semiconductor HTR6545 Datasheet HTML 4Page - Hitachi Semiconductor HTR6545 Datasheet HTML 5Page - Hitachi Semiconductor HTR6545 Datasheet HTML 6Page - Hitachi Semiconductor HTR6545 Datasheet HTML 7Page - Hitachi Semiconductor HTR6545 Datasheet HTML 8Page - Hitachi Semiconductor HTR6545 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 4 of 9
6. Physical Design
The outline for transceiver package is shown in Figure 1.
Figure 1. Package Outline
Top View
mounting studs
diameter: 1.0mm
(pin diameter)
Bottom View
1
10
11
20
0.512
13.00
0.533
13.54
0.018
0.457
0.400
10.16
0.190
4.826
0.070
1.778
0.350
8.89
0.299
7.59
max
inch
mm
unit:
Unless otherwise stated, typical values are shown
Side View
0.386
9.80
0.010
0.254
0.125
3.175
0.433
11.00
max
1.474
37.44
max
max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com