Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTR6545 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HTR6545
Description  SFF TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HTR6545 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HTR6545 Datasheet HTML 2Page - Hitachi Semiconductor HTR6545 Datasheet HTML 3Page - Hitachi Semiconductor HTR6545 Datasheet HTML 4Page - Hitachi Semiconductor HTR6545 Datasheet HTML 5Page - Hitachi Semiconductor HTR6545 Datasheet HTML 6Page - Hitachi Semiconductor HTR6545 Datasheet HTML 7Page - Hitachi Semiconductor HTR6545 Datasheet HTML 8Page - Hitachi Semiconductor HTR6545 Datasheet HTML 9Page - Hitachi Semiconductor HTR6545 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 5 of 9
7. PINOUT
Pinout is shown in Table 4.
The mounting studs are for mechanical
attachment to the circuit board and are not connected to internal circuit.
Table 4. Pin Designations
Name
Symbol
Pin
Pin
Symbol
Name
Received Power Monitor
(PD bias / APD monitor)
RMON
1
20
PMON+ LD Power Monitor(positive)
Receiver Ground
RGND
2
19
PMON- LD Power Monitor(Negative)
Receiver Ground
RGND
3
18
BMON+
LD Bias Monitor(positive)
No Internal Connection
NC
4
17
BMON-
LD Bias Monitor(Negative)
No Internal Connection
NC
5
16
TGND
Transmitter Ground
Receiver Ground
RGND
6
15
DI
Transmit DATA(CML)
Receiver VCC(+3.3V)
RVCC
7
14
DI
Transmit DATA(CML)
Signal Detect(TTL)
SD
8
13
TD
Transmitter Disable(TTL)
Received DATA(CML)
DO
9
12
TGND
Transmitter Ground
Received DATA(CML)
DO
10
11
TVCC
Transmitter VCC(+3.3V)
Pin 17 to Pin20 are outputs of laser monitoring function. These pins should
be connected to high impedance voltage sensing circuit. Internal circuit is
shown in Figure 2. If these function are not used, the pins should be open.
Figure 2. Equivalent internal circuit of PMON,BMON
Vcc
Monitor PD
laser
BMON+
BMON-
PMON+
PMON-
bias current
3k
3k
3k
3k
200
10
Laser
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com