Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT86RF210 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT86RF210
Description  Z-Link Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF210 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT86RF210 Datasheet HTML 1Page - ATMEL Corporation AT86RF210 Datasheet HTML 2Page - ATMEL Corporation AT86RF210 Datasheet HTML 3Page - ATMEL Corporation AT86RF210 Datasheet HTML 4Page - ATMEL Corporation AT86RF210 Datasheet HTML 5Page - ATMEL Corporation AT86RF210 Datasheet HTML 6Page - ATMEL Corporation AT86RF210 Datasheet HTML 7Page - ATMEL Corporation AT86RF210 Datasheet HTML 8Page - ATMEL Corporation AT86RF210 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5033AS–WIRE–10/03
Features
850–930 MHz Output Frequency
Rx Current: 14.5 mA
Low Sleep Mode Current: 1 uA
DSSS Processing and BPSK Modulation/Demodulation
Battery Voltage Monitoring Circuitry
4 mW (6 dBm) Min. Transmit Power @ Vdd = 1.8V
Serial Peripheral Interface (SPI) Control
Power Supply Voltage Operating Range: 1.8V to 3.6V
Low External Component Count
48QFN Package
Applications
Low Band IEEE 802.15.4/ZigBee-based Systems
Industrial, Commercial, Home Lighting Control, Security, and HVAC
Inventory Management
Health Monitoring
Wireless PC Peripherals such as Mouse, Keyboard, and Joystick
Consumer Electronics Remote Controls and Toys
Description
The Atmel AT86RF210 Z-LinkTransceiver is a fully integated, low-cost ZigBee
transceiver capable of transmitting and receiving BPSK modulated digital data over a
frequency range of 868 MHz and 902–928 MHz using a minimum number of external
components. It combines excellent RF performance with low cost, small size and low
current consumption. The AT86RF210 includes a crystal stabilized Fractional-N syn-
thesizer, BPSK transmitter and receiver, and full Direct Sequence Spread Spectrum
Signal (DSSS) processing, including spreading and despreading. The device is fully
compatable with IEEE 802.15.4 and ZigBee standards. It includes internal voltage
regulation and battery monitoring circuitry and requires a minimum number of external
support components.
Figure 1. Block Diagram
SEL
X
Synthesizer
Modulator
Polyphase
Filter
Power Amp
Low Noise
Amp
I/Q Mixer
IF Amp
Demodulator
Despreader
SPI Bus
Spreader
T/R Switch
Rx In
Tx Out
Data In
Data Out
Sw In
Sw Out
Ant In
SDI
SDO
SCLK
AT86RF210
Z-Link
Transceiver
868/902–928 MHz
Direct Sequence
Spread Spectrum
BPSK Transceiver
Preliminary


Similar Part No. - AT86RF210

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF211 ATMEL-AT86RF211 Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211DAI ATMEL-AT86RF211DAI Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211DAI-R ATMEL-AT86RF211DAI-R Datasheet
582Kb / 48P
FSK Transceiver for ISM Radio Applications
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
Transceiver for ISM Radio Applications
AT86RF212 ATMEL-AT86RF212 Datasheet
1Mb / 173P
Low Power 800/900 MHz Transceiver for IEEE 802.15.4- 2006, ZigbeeTM, and ISM Applications
More results

Similar Description - AT86RF210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
ELMOS Semiconductor AG
E981.10 ELMOS-E981.10 Datasheet
881Kb / 19P
BASIC IO-LINK TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com