Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT86RF210 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT86RF210
Description  Z-Link Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF210 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT86RF210 Datasheet HTML 1Page - ATMEL Corporation AT86RF210 Datasheet HTML 2Page - ATMEL Corporation AT86RF210 Datasheet HTML 3Page - ATMEL Corporation AT86RF210 Datasheet HTML 4Page - ATMEL Corporation AT86RF210 Datasheet HTML 5Page - ATMEL Corporation AT86RF210 Datasheet HTML 6Page - ATMEL Corporation AT86RF210 Datasheet HTML 7Page - ATMEL Corporation AT86RF210 Datasheet HTML 8Page - ATMEL Corporation AT86RF210 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AT86RF210
5033AS–WIRE–10/03
.
Table 5. Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Tx Pout
Transmitter output power:
Vdd = 1.8V
Vdd = 3.6V
6
12
dBm
Rsym
Tx symbol rate 915 MHz band
40
Kbit/s
Rsym
Tx symbol rate 868 MHz band
20
Kbit/s
EVM
Transmit error vector magnitude measured over
1000 chips
35%
PSD
Transmit power spectral density 915 MHz band;
|f–fc| >1.2 MHz (absolute measured in 100 KHz
resolution BW)
−20
dBm
Tx Pvar
Transmitter power variation over temperature
3
dB
Tx/Rx Z
Antenna switch impedance
50
Ohm
Tx spur
Transmit spurious within ±2 MHz
−25
dBc
Tx spur
Transmit spurious beyond ±2 MHz
−35
dBc
Tx Pcon
Transmitter power control resolution
0.25
0.75
dB
Tx Pran
Transmitter power control range
25
dB
Tx lvt
Transmitter low-voltage threshold
1.8
1.9
Volt
Tx lvpo
Transmitter low-voltage output power
0.25
0.50
mwatt
Tx tot
Transmitter turn-on time 90% full power
10
usec
Tx tofft
Transmitter turn-off time less than 10% of output
power
10
usec
Table 6. Synthesizer AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
F LO
Carrier frequency
850
930
MHz
LOPN
LO phase noise (integrated 10 Hz–100 KHz rms)
6
deg
Fpull
Crystal oscillator frequency pulling @ 25°C
20
ppm
Lopno
Local oscillator phase noise 2.0 MHz offset from LO
−95
dBc
TXtal
Crystal oscillator settling time
150
usec
TSynth
Phase locked loop settling time
100
usec
Synthres
Synthesizer tuning resolution
500
Hz
Table 7. Serial Configuration Register*
Symbol
Parameter
Min
Typ
Max
Unit
TRISE
CMOS input rise time
20
nsec
TFALL
CMOS input fall time
20
nsec
TCLKS
CLK setup time
25
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com