Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM3525 Datasheet(PDF) 42 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 42 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 38Page - Analog Devices SSM3525 Datasheet HTML 39Page - Analog Devices SSM3525 Datasheet HTML 40Page - Analog Devices SSM3525 Datasheet HTML 41Page - Analog Devices SSM3525 Datasheet HTML 42Page - Analog Devices SSM3525 Datasheet HTML 43Page - Analog Devices SSM3525 Datasheet HTML 44Page - Analog Devices SSM3525 Datasheet HTML 45Page - Analog Devices SSM3525 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 42 of 60
AUDIO LIMITER CONTROL 2 REGISTER
Address: 0x09, Reset: 0x51, Name: LIM_CTRL2
Lim iter Attack Thres hold
31: 2 V peak.
30: 2.5 V peak.
29: 3 V peak.
...
2: 15 V peak.
1: 15.5 V peak.
0: 16 V peak.
Slope of thres hold reduction/battery
voltage change
11: 4:1 thres hold/battery reduction.
10: 3:1 thres hold/battery reduction.
01: 2:1 thres hold/battery reduction.
00: 1:1 thres hold/battery reduction.
0
1
1
0
2
0
3
0
4
1
5
0
6
1
7
0
[7:3] LIM_THRES (R/W)
[1:0] SLOPE (R/W)
[2] RESERVED
Table 31. Bit Descriptions for LIM_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
LIM_THRES
Limiter Attack Threshold
0xA
R/W
0
16 VPEAK.
1
15.5 VPEAK.
2
15 VPEAK.
3
14.5 VPEAK.
4
14 VPEAK.
5
13.5 VPEAK.
6
13 VPEAK.
7
12.5 VPEAK.
8
12 VPEAK.
9
11.5 VPEAK.
10
11 VPEAK.
11
10.5 VPEAK.
12
10 VPEAK.
13
9.5 VPEAK.
14
9.25 VPEAK.
15
9 VPEAK.
16
8.75 VPEAK.
17
8.5 VPEAK.
18
8.25 VPEAK.
19
8 VPEAK.
20
7.5 VPEAK.
21
7 VPEAK.
22
6.5 VPEAK.
23
6 VPEAK.
24
5.5 VPEAK.
25
5 VPEAK.
26
4.5 VPEAK.
27
4 VPEAK.
28
3.5 VPEAK.
29
3 VPEAK.
30
2.5 VPEAK.
31
2 VPEAK.
2
RESERVED
Reserved.
0x0
R
[1:0]
SLOPE
Slope of Threshold Reduction/Battery Voltage Change
0x1
R/W
00
1:1 threshold/battery reduction.
01
2:1 threshold/battery reduction.
10
3:1 threshold/battery reduction.
11
4:1 threshold/battery reduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com