Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM3525 Datasheet(PDF) 21 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 21 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 17Page - Analog Devices SSM3525 Datasheet HTML 18Page - Analog Devices SSM3525 Datasheet HTML 19Page - Analog Devices SSM3525 Datasheet HTML 20Page - Analog Devices SSM3525 Datasheet HTML 21Page - Analog Devices SSM3525 Datasheet HTML 22Page - Analog Devices SSM3525 Datasheet HTML 23Page - Analog Devices SSM3525 Datasheet HTML 24Page - Analog Devices SSM3525 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
SSM3525
Rev. A |Page 21 of 60
0
–10
–30
–50
–70
–90
–110
–130
–150
–170
–20
–40
–60
–80
–100
–120
–140
–160
–180
–190
20
100
1k
10k
20k
FREQUENCY (Hz)
CURRENT SENSE
VOLTAGE SENSE
Figure 59. I/V Sense Output FFT, −60 dBFS Input, PVDD = 12 V,
Analog Gain = 12.6
0
–10
–30
–50
–70
–90
–110
–130
–150
–170
–20
–40
–60
–80
–100
–120
–140
–160
–180
–190
20
100
1k
10k
20k
FREQUENCY (Hz)
CURRENT SENSE
VOLTAGE SENSE
Figure 60. I/V Sense Output FFT, −1 dBFS Input, PVDD = 12 V,
Analog Gain = 12.6
2.0
1.8
1.4
1.0
0.6
0.2
–0.2
–0.6
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.0
20
100
1k
10k
20k
FREQUENCY (Hz)
CURRENT SENSE
VOLTAGE SENSE
Figure 61. I/V Sense Linearity, −20 dBFS Input, PVDD = 12 V,
Analog Gain = 12.6
9
6
4
2
5
8
7
3
1
0
–45
–40
–35
–30
–25
–15
–20
0
–10
–5
DIGITAL INPUT (dBFS)
VSENSE
VOUT
Figure 62. Voltage Sense Output vs. Amplifier Output VRMS, PVDD = 12 V,
Analog Gain = 12.6
2.5
2.0
1.0
1.5
0.5
0
–45
–40
–35
–30
–25
–15
–20
0
–10
–5
DIGITAL INPUT (dBFS)
ISENSE
IOUT
Figure 63. Current Sense Output vs. Amplifier Output Current Arms,
PVDD = 12 V, Analog Gain = 12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com