Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV6432 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6432
Description  Audio/Video Output Buffers for STB and DVD Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6432 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6432 Datasheet HTML 2Page - STMicroelectronics STV6432 Datasheet HTML 3Page - STMicroelectronics STV6432 Datasheet HTML 4Page - STMicroelectronics STV6432 Datasheet HTML 5Page - STMicroelectronics STV6432 Datasheet HTML 6Page - STMicroelectronics STV6432 Datasheet HTML 7Page - STMicroelectronics STV6432 Datasheet HTML 8Page - STMicroelectronics STV6432 Datasheet HTML 9Page - STMicroelectronics STV6432 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ELECTRICAL CHARACTERISTICS
STV6432
6/15
2.4
Audio Section
TAMB = 25° C, VCCV = 5 V, VCCB = 5 V, VCCA = 9 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 75 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 5: Audio Data
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SVR100
Supply Voltage Rejection
VRIPPLE = 500 mVRMS at 120 Hz,
DECA filter cap = 47 µF
DECA filter cap = 220 µF
60
70
80
dB
SVR1K
Supply Voltage Rejection
VRIPPLE = 500 mVRMS at 1 kHz
DECA filter cap = 220 µF
70
80
dB
VINDC
Input DC Level
VCCA = 9 V
VCCA/2
V
VINAC
Input Signal Amplitude
2
VRMS
RIN
Input Resistance
30
50
k
RINmatch
Input Resistance Matching
±2
±10
%
FRANGE
Bandwidth
-3 dB, VIN = 0.5 VRMS
RLOAD = 10 kΩ
50
kHz
Flatness
Spread of Gain in Audio Band
(Peak-to-Peak)
VIN =0.5 VRMS
20 Hz to 20 kHz
±0.5
dB
CS
Channel Separation
between L & R TV outputs
VIN =0.5 VRMS at 1 kHz on one
input,
RLOAD = 10 kΩ on both outputs
80
90
dB
Ci
Channel Isolation from video inputs
VIN = 1 VPP at 15 kHz on one
video input
85
dB
VOUT
Output DC Level
VCCA = 9 V
VCCA/2
V
ROUT
Output Resistance
60
120
PHD
Phase Difference
VIN = 1 VRMS at 1 kHz on each
input channel
3
Degree
ASN
Audio Signal/Noise ratio
VIN = 1 VRMS
A weighted at 1 kHz, Gain = 6 dB
80
dB
eNI1
1. eNI is the total unweighted output noise in a 20 Hz to 20 kHz bandwidth divided by the gain.
Equivalent RMS Input Voltage Noise
BW = 20 Hz at 20 kHz
unweighted, Gain = 6 dB
5µV
GAL
6 dB Gain
VIN = 0.5 VRMS, RLOAD = 10 kΩ
5.5
6
+6.5
dB
GMA
Gain matching between Left/Right
outputs
VIN = 0.5 VRMS at 1 kHz
Gain = 6 dB
-1
1
dB
THD
Total Harmonic Distortion
ENC Input with Gain = 6 dB
VIN = 0.5 VRMS at 1 kHz
Low Pass Filter at 80 kHz
0.005
0.05
%
VCL
Output Clipping Level
THD = 0.2% at 1 kHz,
2.1
2.3
VRMS
RL
Output Load Resistance
VIN = 1 VRMS, THD = 0.3%,
22.25
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com