Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV6432 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6432
Description  Audio/Video Output Buffers for STB and DVD Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6432 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6432 Datasheet HTML 3Page - STMicroelectronics STV6432 Datasheet HTML 4Page - STMicroelectronics STV6432 Datasheet HTML 5Page - STMicroelectronics STV6432 Datasheet HTML 6Page - STMicroelectronics STV6432 Datasheet HTML 7Page - STMicroelectronics STV6432 Datasheet HTML 8Page - STMicroelectronics STV6432 Datasheet HTML 9Page - STMicroelectronics STV6432 Datasheet HTML 10Page - STMicroelectronics STV6432 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
STV6432
ELECTRICAL CHARACTERISTICS
2.5
Video Section
TAMB = 25° C, VCCV = 5 V, VCCB = 5 V, VCCA = 9 V
RGA = 600 Ω, RLOUTA = 10 kΩ, RGV = 75 Ω, RLOUTV = 150 Ω, unless otherwise specified.
Table 6: Video Data
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
Bottom Sync Pulse
2
V
ICLAMP
Clamping Current
VIN = VDCIN -400 mV
12
mA
ILEAK
Input Leakage Current
VIN = VDCIN +1 V
1
10
µA
CIN
Input Capacitance
2pF
VIN
Maximum Input Signal
VCCV = 5 V, Gain = 6 dB
1.5
VPP
DYN
Dynamic Output Signal
VCCV = 5 V, Gain = 6 dB
3
VPP
BW
Bandwidth on Y and CVBS Outputs
VIN = 1 VPP, at -3 dB, Gain = 6 dB
815
MHz
Flatness
Spread of Gain in Video Band
(15 kHz to 5 MHz) of Y and CVBS
VIN = 1 VPP
±0.5
dB
VCTO
Video Crosstalk Output
Crosstalk Isolation between Output
Channels
VIN = 1 VPP at 3.58 MHz on either
YIN_ENC or CIN_ENC inputs
RLOAD = 150 Ω; Gain = 6dB
50
dB
VCTO1
Video Crosstalk Output
Crosstalk Isolation between Output
Channels when CVBSIN_ENC is
driven
VIN = 1 VPP at 3.58 MHz on
CVBSIN_ENC input; Only one
CVBS output loaded at 150
Ω;
Gain = 6 dB
50
dB
VCTO4
Video Crosstalk Output
Crosstalk Isolation between Output
Channels when CVBSIN_ENC is
driven
VIN = 1 VPP at 3.58 MHz on
CVBSIN_ENC input; All 4 CVBS
outputs loaded at 150
Ω;
Gain = 6 dB
44
dB
ROUT
Output Resistance
510
GV5
5 dB Gain on Y and CVBS Channels
VIN = 1 VPP
Pin 7 to GND or Logic “0”
4.5
5
5.5
dB
GV6
6 dB Gain on Y and CVBS Channels
VIN = 1 VPP. Pin 7 is open
1
1. When Pin 7 is left open, its voltage is determined by an internal voltage divider consisting of 42 k
Ω to V
CC
(5 V) and 18 k
Ω to Ground
5.5
6
6.5
dB
GV7
7 dB Gain on Y and CVBS Channels
VIN = 1 VPP; Pin 7 connected to
VCCV (5 V) via 22 kor to 3.3 V
6.5
7
7.5
dB
GV8
8 dB Gain on Y and CVBS Channels
VIN = 1 VPP
Pin 7 to VCCV (5 V)
7.5
8
8.5
dB
VH5
5 dB Gain: Max. VIN Voltage on Pin 7
Pin 7 to Ground or Logic “0”
(IIN < 160 µA)
1.1
V
VL6
6dB Gain: Min. VIN Voltage on Pin 7 Pin 7 is open.
1.3
V
VH6
6 dB Gain: Max. VIN Voltage on Pin 7 Pin 7 is open.
1.7
V
VL7
7dB Gain: Min. VIN Voltage on Pin 7
Pin 7 connected to VCCV (5 V) via
22 k
or to 3.3 V (I
IN < 140 µA)
1.9
V
VH7
7 dB Gain: Max. VIN Voltage on Pin 7
Pin 7 connected to VCCV (5 V) via
22 k
or to 3.3 V (I
IN < 140 µA)
4.0
V
VL8
8dB Gain: Min. VIN Voltage on Pin 7
Pin 7 connected to VCCV (5 V)
(IIN < 350 µA)
4.2
V
DCOUT
DC Output Voltage
Bottom sync pulse
0.6
V
DPHI
Differential Phase
VIN = 1 VPP at 3.58 MHz
15
Degree
DG
Differential Gain
VIN = 1 VPP at 3.58 MHz
15
%
LNL
Luminance Non-Linearity
0.3
3
%
VSN
Video S/N Ratio2
2. S/N = 20 log (VOUT Black to White = 0.7 VPP / VNoise (mVRMS) weighted CCIR 567).
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com