| Electronic Components Datasheet Search |
|
PEX8747 Datasheet(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8747 Datasheet(HTML) 3 Page - PLX Technology |
|
3 / 4 page ![]() PEX 8747, PCI Express Gen 3 Switch, 48 Lanes, 5 Ports © PLX Technology, www.plxtech.com Page 3 of 4 10/20/2010, Version 1.0 Figure 3. Dual Graphics Fan-Out GPU1 GPU2 PEX 8747 x16 x16 x16 CPU CPU CPU CPU Figure 5. Dual Graphics with nication Peer-to-Peer Commu GPU1 GPU2 PEX 8747 x16 x16 x16 CPU CPU CPU CPU traffic scripts for system bring-up and debug. Fully integrated into the PEX 8747, the Packet Generator proves to be a very convenient on-chip debug tool. Furthermore, the Packet Generator can be used to create PCIe traffic to test and debug other devices on the system. Error Injection & SerDes Loopback Using the PEX 8747’s Error Injection feature, users can inject malformed packets and/or fatal errors into their system and evaluate a system’s ability to detect and recover from such errors. The PEX 8747 also supports Internal Tx, External Tx, Recovered Clock, and Recovered Data Loopback modes. Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8747 can be configured for a variety of graphics applications. Dual-GPU Fan-out In a graphics fan-out application (see Figure 3), the PEX 8747 drives a dual-output display. The PEX 8747 will fan out to two Graphics Modules (shown as GPUs in the Figures) via the two x16 downstream ports while the x16 upstream port links to the Root Complex. Each graphics module drives its own monitor. Increasing memory and bandwidth requirements have put a strain on local GPU memory. The PEX 8747 allows for highly efficient data transfers over the PCI Express bus, allowing the Graphics Module to utilize the system memory and render it as if it were local graphics memory. In a fan-out application such as this one, each Graphics Module drives its own output. Quad-GPU Fan-Out For Quad-GPU applications using four GPUs to drive four separate displays, users can take advantage of the PEX 8747’s four x8 downstream ports. Mid-range to low-end systems that may not require the bandwidth provided by a x16 Link can instead take advantage of the PEX 8747’s x8 Links and fan-out to up to four display units. Figure 4 illustrates a graphics system which uses four x8 links to fan-out to four display units. x8 x16 x8 GPU1 GPU1 GPU2 GPU2 x8 x8 CPU CPU CPU CPU PEX 8747 Figure 4. Quad Graphics Fan-Out Dual-GPU w/ Peer-to-Peer Communication High resolution 3D graphics applications can take full advantage of the PEX 8747. Applications such as high- resolution gaming, high resolution scientific use, and image processing can benefit from the performance of the PEX 8747 switch. Figure 2 illustrates the use of the device in a high resolution gaming application where two Graphics Modules (GPUs) drive a single monitor for the ultimate gaming experience. The upstream x16 port links to the Root Complex and the two downstream ports connect to the GPUs. The peer-to-peer support of the PEX 8747 allows the two GPUs to communicate with each other for maximum performance. In this example, the two GPUs divide the screen into a checkerboard pattern. In Figure 5, the screen is divided into white frames and blue frames, with one GPU managing the white frames and the other managing the blue frames. This mode of operation is referred to as Supertiling, and is generally the most efficient because it evenly divides the processing and graphics rendering workload across the two GPUs. This usage model calls for heavy peer-to-peer communication between the two GPUs. The PEX 8747 can also support dual-graphics solutions running in Scissor, or Alternate Frame-Rate (AFR) modes. In each of these modes, the processing and graphics rendering workload is shared by the GPUs, and therefore requires a great amount of peer- to-peer communication between the GPUs to monitor each other’s progress and execution. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |