| Electronic Components Datasheet Search |
|
PEX8747 Datasheet(PDF) 4 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8747 Datasheet(HTML) 4 Page - PLX Technology |
|
4 / 4 page ![]() PEX 8747, PCI Express Gen 3 Switch, 48 Lanes, 5 Ports © PLX Technology, www.plxtech.com Page 4 of 4 10/20/2010, Version 1.0 ExpressLane PEX 8747 RDK Software Model The PEX 8747 RDK (see Figure 6) is a hardware module containing the PEX 8747 which plugs right into your system. The PEX 8747 RDK can be used to test and validate customer software, or used as an evaluation vehicle for PEX 8747 features and benefits. The PEX 8747 RDK provides everything that a user needs to get their hardware and software development started. From a system model viewpoint, each PCI Express port is a virtual PCI to PCI bridge device and has its own set of PCI Express configuration registers. It is through the upstream port that the BIOS or host can configure the other ports using standard PCI enumeration. The virtual PCI to PCI bridges within the PEX 8747 are compliant to the PCI and PCI Express system models. The Configuration Space Registers (CSRs) in a virtual primary/secondary PCI to PCI bridge are accessible by type 0 configuration cycles through the virtual primary bus interface (matching bus number, device number, and function number). Software Development Kit (SDK) PLX’s Software Development Kit is available for download at www.plxtech.com/sdk. The software development kit includes drivers, source code, and GUI interfaces to aid in configuring and debugging the PEX 8747. Interrupt Sources/Events The PEX 8747 switch supports the INTx interrupt message type (compatible with PCI 2.3 Interrupt signals) or Message Signaled Interrupts (MSI) when enabled. Interrupts/messages are generated by PEX 8747 for doorbell interrupts, baseline error reporting, and advanced error reporting. Both performancePAK and visionPAK are supported by PLX’s RDK and SDK, the industry’s most advanced hardware- and software-development kits. Product Ordering Information Part Number Description PEX8747-AA80BC G 48-Lane, 5-Port PCI Express Switch, Pb-Free (27x27mm 2) PEX8747-AA RDK PEX 8747 Rapid Development Kit HD Power Connector Port 0 – x16 PERST# (Upstream Port) PORT 8 – X16 PORT 12 – X16 Manual Reset RefClk EEPROM PEX 8747 Port 8 Status LED I2C DIP Switch for Config JTAG Port 12 Status LED Port 0 Status LED PLX Technology, Inc. All rights reserved. PLX, the PLX logo, ExpressLane, Read Pacing and Dual Cast are trademarks of PLX Technology, Inc. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX reserves the right, without notice, to make changes in product design or specification. Visit www.plxtech.com for more information. Figure 6. PEX 8747 RDK Development Tools PLX offers hardware and software tools to enable rapid customer design activity. These tools consist of a hardware module (PEX 8747 RDK), hardware documentation (available at www.plxtech.com), and a Software Development Kit (also available at www.plxtech.com). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |