| Electronic Components Datasheet Search |
|
PEX8748 Datasheet(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8748 Datasheet(HTML) 3 Page - PLX Technology |
|
3 / 5 page ![]() PEX 8748, PCI Express Gen 3 Switch, 48 Lanes, 12 Ports © PLX Technology, www.plxtech.com Page 3 of 5 10/7/2010, Version 1.0 r1.0a. Additionally, it supports auto-negotiation, lane reversal, and polarity reversal. Furthermore, the PEX 8748 is tested for Microsoft Vista compliance. All PLX switches undergo thorough interoperability testing in PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest. performancePAK ™ Exclusive to PLX, performancePAK is a suite of unique eatures which allows PLX’s ighest performing Gen 2 being made by downstream ownstream device requests several long link ess ports in n allowing for higher performance in dual- w s opposed to a static buffer static buffers to each port, as nPAK is a debug diagnostics suite of integrated hardware and software instruments that elp bring their systems to market faster. s ally “see” ingress and egress performance on h the switch using PLX’s ws users can view the receiver and innovative performance f Gen 2 switches to be the h switches in the market today. The performancePAK features consists of the Read Pacing, Multicast, and Dynamic Buffer Pool. Read Pacing The Read Pacing feature allows users to throttle the amount of read requests devices. When a d reads back-to-back, the Root Complex gets tied up in serving that downstream port. If that port has a narrow and is therefore slow in receiving these read packets from the Root Complex, then other downstream ports may become starved – thus, impacting performance. The Read Pacing feature enhances performances by allowing for the adequate servicing of all downstream devices. Multicast The Multicast feature enables the copying of data (packets) from one ingress port to multiple (up to 11) egr one transactio graphics, storage, security, and redundant applications, among others. Multicast relieves the CPU from having to conduct multiple redundant transactions, resulting in higher system performance. Dynamic Buffer Pool The PEX 8748 employs a dynamic buffer pool for Flo Control (FC) management. A scheme which assigns fixed, PLX’s dynamic buffer allocation scheme utilizes a common pool of FC Credits which are shared by other ports. This shared buffer pool is fully programmable by the user, so FC credits can be allocated among the ports needed. Not only does this prevent wasted buffers and inappropriate buffer assignments, any unallocated buffers remain in the common buffer pool and can then be used for faster FC credit updates. visionPAK ™ Another PLX exclusive, visio users can use to h visionPAK features consist of Performance Monitoring, SerDes Eye Capture, Error Injection, SerDes Loopback, and more. Performance Monitoring The PEX 8748’s real time performance monitoring allow users to liter each port as traffic passes throug Software Development Kit (SDK). The monitoring is completely passive and therefore has no affect on overall system performance. Internal counters provide extensive granularity down to traffic & packet type and even allo for the filtering of traffic (i.e. count only Memory Writes). SerDes Eye Capture Users can evaluate their system’s signal integrity at the physical layer using the PEX 8748’s SerDes Eye Capture feature. Using PLX’s SDK, eye of any lane on the switch. Users can then modify SerDes settings and see the impact on the receiver eye. Figure 5 shows a screenshot of the SerDes Eye Capture feature in the SDK. Figure 5. SerDes Eye Capture PCIe Packet Generator The PEX 87 et enerator capable of creating programmable PCIe traffic and capable of saturating a 48 features a full-fledged PCIe Pack G running at up to Gen 3 speeds x16 link. Using PLX’s Software Development Kit (www.plxtech.com/sdk), designers can create custom traffic scripts for system bring-up and debug. Fully integrated into the PEX 8748, the Packet Generator to be a very convenient on-chip debug tool. Furthermo the Packet Generator can be used to create PCIe traf test and debug other devices on the system. proves re, fic to |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |