| Electronic Components Datasheet Search |
|
PEX8748 Datasheet(PDF) 4 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8748 Datasheet(HTML) 4 Page - PLX Technology |
|
4 / 5 page ![]() PEX 8748, PCI Express Gen 3 Switch, 48 Lanes, 12 Ports © PLX Technology, www.plxtech.com Page 4 of 5 10/7/2010, Version 1.0 Memory Memory CPU CPU CPU CPU Memory Memory Memory Memory CPU CPU CPU CPU x8 x4s x8s x1s SATA SATA Endpoint Endpoint Endpoint Endpoint PCIe Gen1, Gen2, or Gen3 slots x8 PEX 8748 PEX 8748 PEX 8748 PEX 8748 PCI PCH PCH PCH PCH I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PEX 8748 PEX 8748 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Mem CPU CPU CPU CPU PCH I/Os Mem Mem CPU CPU CPU CPU CPU CPU CPU CPU PCH PCH I/Os I/Os Mem CPU CPU CPU CPU PCH I/Os Mem Mem CPU CPU CPU CPU CPU CPU CPU CPU PCH PCH I/Os I/Os Mem CPU CPU CPU CPU PCH I/Os Mem Mem CPU CPU CPU CPU CPU CPU CPU CPU PCH PCH I/Os I/Os Mem CPU CPU CPU CPU PCH I/Os Mem Mem CPU CPU CPU CPU CPU CPU CPU CPU PCH PCH I/Os I/Os , users can inject malformed packets and/or fatal errors into their system and evaluate a system’s ability to detect and recover from such errors. The PEX 8748 also supports Internal Tx, External Tx, Recovered Clock, and Recovered Data Loopback modes. Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8748 can be configured for a wide variety of form factors and applications. Host Centric Fan-out The PEX 8748, with its symmetric or asymmetric lane configuration capability, allows user-specific tuning to a variety of host-centric applications. Figure 6 shows a server design where, in a quad or multi processor system, users can assign endpoints/slots to CPU cores to distribute the system load. The packets directed to different CPU cores will go to different (user assigned) PEX 8748 upstream ports, allowing better queuing and load balancing capability for higher performance. Conversely, the PEX 8748 can also be used in single-host mode to simply fan-out to endpoints. Figure 6. Host Centric Dual Upstream Multi-Host Systems In multi-host mode, the PEX 8748 can be shared by up to six hosts in a system. By creating six virtual switches, the PEX 8748 allows six hosts to fan-out to their respective endpoints. This reduces the number of Figure 7. Multi-Host System switches required for fan-out, saving precious board space and power consumption. In Figure 7, the PEX 8748 is being shared by four different servers (hosts) with each server is running its own applications (I/Os). The PEX 8748 assigns the endpoints to the appropriate host and isolates them from the other hosts. Host Failover The PEX 8748 can also be utilized in applications where host failover is required. In the below application (Figure 8), two hosts may be active simultaneously and controlling their own domains while exchange status information through doorbell registers or I 2C interface. The devices can be programmed to trigger fail-over if the heartbeat information is not provided. In the event of a failure, the surviving device will reset the endpoints connected to the failing CPU and enumerate them in its own domain without impacting the operation of endpoints already in its domain. Figure 8. Host Fail-Over N+1 Fail-Over in Storage Systems The PEX 8748’s Multi-Host feature can also be used to develop storage array clusters where each host manages a set of storage devices independent of others (Figure 9). Users can designate one of the hosts as the failover-host for all the other hosts while actively managing its own endpoints. The failover-host will communicate with other hosts for status/heartbeat information and execute a failover event if/when it gets triggered. Error Injection & SerDes Loopback Using the PEX 8748’s Error Injection feature x4 x4 x8 x8 x4 x8 x8 x4 CPU CPU PEX 8748 PEX 8748 PEX 8748 PEX 8748 8 Disk Chassis FC FC x4 x4 FC FC PEX 8712 PEX 8712 8 Disk Chassis FC FC x4 x4 FC FC PEX 8712 PEX 8712 PEX 8712 PEX 8712 CPU CPU CPU CPU CPU CPU 8 Disk Chassis FC FC x4 x4 FC FC PEX 8712 PEX 8712 8 Disk Chassis FC FC x4 x4 FC FC PEX 8712 PEX 8712 PEX 8712 PEX 8712 8 Disk Chassis FC FC x4 x4 FC FC PEX 8716 PEX 8716 8 Disk Chassis FC FC x4 x4 FC FC PEX 8716 PEX 8716 PEX 8716 PEX 8716 8 Disk Chassis FC FC x4 x4 FC FC PEX 8716 PEX 8716 PEX 8716 PEX 8716 Figure 9. N+1 Failover CPU CPU CPU CPU x8 PEX 8748 PEX 8748 PEX 8748 PEX 8748 CPU CPU CPU CPU x8 PEX 8748 PEX 8748 PEX 8748 PEX 8748 x8s x8s x8s |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |