| Electronic Components Datasheet Search |
|
PEX8764 Datasheet(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8764 Datasheet(HTML) 2 Page - PLX Technology |
|
2 / 5 page ![]() PEX8764, PCI Express Gen3 Switch, 64 Lanes, 16 Ports © PLX Technology, www.plxtech.com Page 2 of 5 07Oct13; v1.3 The PEX8764 also provides several ways to configure its registers. The device can be configured through strapping pins, I2C interface , host software, or an optional serial EEPROM. This allows for easy debug during the development phase, performance monitoring during the operation phase, and driver or software upgrade. Dual-Host & Failover Support In Single-Host mode, the PEX8764 supports a Non- Transparent (NT) Port, which enables the implementation of dual-host systems for redundancy and host failover capability. The NT port allows systems to isolate host memory domains by presenting the processor subsystem as an endpoint rather than another memory system. Base address registers are used to translate addresses; doorbell registers are used to send interrupts between the address domains; and scratchpad registers (accessible by both CPUs) allow inter- processor communication (see Figure 3). Multi-Host & Failover Support In Multi-Host mode, PEX8764 can be configured with up to four upstream host ports, each with its own dedicated downstream ports. The device can be configured for 1+1 redundancy or N+1 redundancy. The PEX8764 allows the hosts to communicate their status to each other via special door-bell registers. In failover mode, if a host fails, the host designated for failover will disable the upstream port attached to the failing host and program the downstream ports of that host to its own domain. Figure 4a shows a two host system in Multi- Host mode with two virtual switches inside the device and Figure 4b shows Host 1 disabled after failure and Host 2 having taken over all of Host 1’s end-points. Hot-Plug for High Availability Hot-Plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The PEX8764 hot-plug capability feature makes it suitable for High Availability (HA) applications . One downstream port includes a Standard Hot-Plug Controller. If the PEX8764 is used in an application where one or more of its downstream ports connect to PCI Express slots, each port’s Hot-Plug Controller can be used to manage the hot-plug event of its associated slot. Every port on the PEX8764 is equipped with a hot-plug control/status register to support hot-plug capability through external logic via the I2C interface. SerDes Power and Signal Management The PEX8764 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power – off, low, typical, and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient management of the entire system. Interoperability The PEX8764 is designed to be fully compliant with the PCI Express Base Specification r3.0, and is backwards compatible to PCI Express Base Specification r1.1 and r1.0a. Additionally, it supports auto-negotiation, lane reversal , and polarity reversal. Furthermore, the PEX8764 is tested for Microsoft Windows Logo compliance. All PLX switches undergo thorough interoperability testing in PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest. performancePAK TM Exclusive to PLX, performancePAK is a suite of unique and innovative performance features which allows PLX’s Gen 3 switches to be the highest performing Gen 3 switches in the market today. The performancePAK features consists of Multicast, and Dynamic Buffer Pool. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |