Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PEX8764 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8764
Description  PCI Express Gen3 Switch, 64 Lanes, 16 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8764 Datasheet(HTML) 4 Page - PLX Technology

  PEX8764 Datasheet HTML 1Page - PLX Technology PEX8764 Datasheet HTML 2Page - PLX Technology PEX8764 Datasheet HTML 3Page - PLX Technology PEX8764 Datasheet HTML 4Page - PLX Technology PEX8764 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX8764, PCI Express Gen3 Switch, 64 Lanes, 16 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
07Oct13; v1.3
Multi-Host Systems
In multi-host mode, the PEX8764 can support up to four
hosts at once. By creating four virtual switches, the
PEX8764 allows four hosts to fan-out to their respective
endpoints. This reduces the number of switches required
for fan-out, saving precious board space and power. In
Figure 7, the PEX8764 is being shared by four different
servers, with each CPU core running its own
applications (I/Os). The PEX8764 assigns the endpoints
to the appropriate host and isolates them from the other
hosts.
Figure 7. Multi-Host System
High-End Graphics Systems
The PEX8764’s 64 Lanes can come in handy for high-
end graphics systems, such as high-resolution gaming
and medical imaging applications, employing two or
more GPUs alongside multiple endpoints. Figure 8a
shows a dual-graphics system where the PEX8764 is
being used to fan-out to two GPUs using x16 links and
numerous (up to 16) endpoints using x4 and x8 links.
Figure 8b, shows an ultra-gaming system using the
PEX8764 to fan-out to four GPUs via x16 links. In both
examples, two x16 upstream ports are being used. Using
PEX8764’s multi-host capabilities, two separate virtual
hierarchies can be created, assigning GPUs & endpoints
to a particular CPU core via the x16 upstream ports.
Host Failover
The PEX8764 can also be utilized in applications where
host failover is required. In the below application
(Figure 9), two hosts may be active simultaneously and
controlling their own domains while exchange status
information through doorbell registers or I2C interface.
The devices can be programmed to trigger fail-over if
the heartbeat information is not provided. In the event of
a failure, the surviving device will reset the endpoints
connected to the failing CPU and enumerate them in its
own domain without impacting the operation of
endpoints already in its domain.
Figure 9. Host Fail-Over



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com