Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9713L Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM9713L
Description  AC??7 Audio and Touchpanel Codec
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9713L Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM9713L Datasheet HTML 70Page - Cirrus Logic WM9713L Datasheet HTML 71Page - Cirrus Logic WM9713L Datasheet HTML 72Page - Cirrus Logic WM9713L Datasheet HTML 73Page - Cirrus Logic WM9713L Datasheet HTML 74Page - Cirrus Logic WM9713L Datasheet HTML 75Page - Cirrus Logic WM9713L Datasheet HTML 76Page - Cirrus Logic WM9713L Datasheet HTML 77Page - Cirrus Logic WM9713L Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 133 page
background image
WM9713L
74
Rev 4.0
When operating in co-ordinate mode (COO=1) there will be 3 results to read back from each set of
measurements
– X, Y, and the third additional measurement. After the co-ordinate set has finished
the X result will be present in register 7Ah. Once this has been read back by the user the Y result will
overwrite register 7Ah, as indicated by ADCSRC. Finally, after the Y result has been read back, the
result of the third, additional, measurement will become present in 7Ah, again indicated by ADCSRC.
To avoid losing data that has not yet been read, the WM9713L can delay overwriting register 7Ah with
new conversions until the old data has been read. This function is enabled using the WAIT bit, and
applies to both single and co-ordinate conversion mode.
The flow diagram in Figure 32 shows the timing of touchpanel conversions, and data readback from
register 7Ah - dependent on the individual settings of the COO, POLL, ADCSEL and CTC bits.
Poll (74h)
Reset
Poll (74h) Set
X Measurement(1)
Y Measurement(2)
Read Data
This occurs when user sets
POLL - or automatically when CTC=1
COO=1
COO=0
Measurement(3)
as described by
ADCSEL (74h)
ADCSELL!=000_0000
ADCSELL=000_0000
ADA goes high
ADA remains high until data has been
read from a register or sent out on an
AC-LINK slot (dependent on value of
SLEN)
User reads back single conversion (CO=0)
OR 1,2,3 in sequential order (CO=1)
from register 7Ah
POLL (74h)
Starts a single measurement
CTC (74h)
Starts a co-ordinate measurement at specified conversion rate
COO (74h)
Enables Co-ordinate mode
ADCSEL (74H)
Specifies the type of measurement to be made
Figure 32 Touchpanel Conversion Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com