Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9713L Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM9713L
Description  AC??7 Audio and Touchpanel Codec
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9713L Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM9713L Datasheet HTML 17Page - Cirrus Logic WM9713L Datasheet HTML 18Page - Cirrus Logic WM9713L Datasheet HTML 19Page - Cirrus Logic WM9713L Datasheet HTML 20Page - Cirrus Logic WM9713L Datasheet HTML 21Page - Cirrus Logic WM9713L Datasheet HTML 22Page - Cirrus Logic WM9713L Datasheet HTML 23Page - Cirrus Logic WM9713L Datasheet HTML 24Page - Cirrus Logic WM9713L Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
WM9713L
Rev 4.0
21
AC'97
MCLKA
MCLKB
0
1
PCM
PLL
DIV 1-16
DIV 1-8
S
EXT[3:0] /
S
PLL[3:0] /
S
EXT[6:4] /
S
PLL[6:4] /
VOICE DAC
HIFI DSP
L/R ADCs
L/R DACs
AUX DAC
WM9713L
data bus
clock
VOICE DAC
CLOCK
AC97 CLK
HIFI CLK
CLK_MUX
MUX
0
1
x2
x2
CLKBX2
CLKAX2
SYSCLK
DIV 2
BCLK
DIV 1-16
AUX ADC
PENDIV
[2:0]
PCMCLK
AC-Link
Figure 10 Clocking Architecture for WM9713L
INTERNAL CLOCK FREQUENCIES
The internal clock frequencies are defined as follows (refer to Figure 10):
AC97 CLK
– nominally 24.576MHz, used to generate AC97 BITCLK at 12.288MHz
HIFI CLK
– for hi-fi playback at 48ks/s HIFI CLK = 24.576MHz. See Table 2 for voice only
playback.
Voice DAC CLK
– see Table 2 for sample rate vs clock frequency.
SAMPLE RATE
VOICE DAC CLK
FREQUENCY
HIFI CLK
FREQUENCY
8ks/s voice and hi-fi
2.048MHz
24.576MHz
8ks/s voice only (power save)
2.048MHz
4.096MHz
16ks/s voice and hi-fi
4.096MHz
24.576MHz
16ks/s voice only (power save)
4.096MHz
8.192MHz
32ks/s voice and hi-fi
8.192MHz
24.576MHz
48ks/s voice and hi-fi
12.288MHz
24.576MHz
Table 2 Clock Division Mode Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com