Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9510 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9510_16 Datasheet HTML 44Page - Analog Devices AD9510_16 Datasheet HTML 45Page - Analog Devices AD9510_16 Datasheet HTML 46Page - Analog Devices AD9510_16 Datasheet HTML 47Page - Analog Devices AD9510_16 Datasheet HTML 48Page - Analog Devices AD9510_16 Datasheet HTML 49Page - Analog Devices AD9510_16 Datasheet HTML 50Page - Analog Devices AD9510_16 Datasheet HTML 51Page - Analog Devices AD9510_16 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
AD9510
Data Sheet
Rev. C | Page 48 of 56
Reg.
Addr.
(Hex) Bit(s) Name
Description
0A
[4:2] Prescaler value
(P/P + 1)
[4]
[3]
[2]
Mode
Prescaler Mode
0
0
0
FD
Divide by 1
0
0
1
FD
Divide by 2
0
1
0
DM
2/3
0
1
1
DM
4/5
1
0
0
DM
8/9
1
0
1
DM
16/17
1
1
0
DM
32/33
1
1
1
FD
Divide by 3
DM = dual modulus, FD = fixed divide.
0A
[5]
Not used.
0A
[6]
B counter bypass
Only valid when operating the prescaler in fixed divide (FD) mode. When this bit is set, the B counter is
divided by 1. This allows the prescaler setting to determine the divide for the N divider.
0A
[7]
Not used.
0B
[5:0] 14-bit reference
counter, R MSBs
R divider MSB[13:8].
0C
[7:0] 14-bit reference
counter, R LSBs
R divider MSB[7:0].
0D
[1:0] Antibacklash pulse
width
[1]
[0]
Antibacklash Pulse Width (ns)
0
0
1.3 (default)
0
1
2.9
1
0
6.0
1
1
1.3
0D
[4:2]
Not used
0D
[5]
Digital lock detect
window
[5]
Digital Lock Detect Window (ns)
Digital Lock Detect Loss of Lock Threshold (ns)
0 (default)
9.5
15
1
3.5
7
If the time difference of the rising edges at the inputs to the PFD are less than the lock detect window
time, the digital lock detect flag is set. The flag remains set until the time difference is greater than the
loss of lock threshold.
0D
[6]
Lock detect disable 0 = normal lock detect operation (default), 1 = disable lock detect.
0D
[7]
Not used.
Unused
0E33
Not used.
Fine delay adjust
[0]
Delay control
Delay block control bit.
34
OUT5
Bypasses delay block and powers it down (default = 1b).
38
OUT6
34
[7:1]
Not used.
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com