Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9510 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9510
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9510_16 Datasheet HTML 19Page - Analog Devices AD9510_16 Datasheet HTML 20Page - Analog Devices AD9510_16 Datasheet HTML 21Page - Analog Devices AD9510_16 Datasheet HTML 22Page - Analog Devices AD9510_16 Datasheet HTML 23Page - Analog Devices AD9510_16 Datasheet HTML 24Page - Analog Devices AD9510_16 Datasheet HTML 25Page - Analog Devices AD9510_16 Datasheet HTML 26Page - Analog Devices AD9510_16 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Data Sheet
AD9510
Rev. C | Page 23 of 56
Figure 24. Additive Phase Noise—LVPECL DIV 1, 245.76 MHz,
Distribution Section Only
Figure 25. Additive Phase Noise—LVDS DIV 1, 245.76 MHz
Figure 26. Additive Phase Noise—CMOS DIV 1, 245.76 MHz
Figure 27. Additive Phase Noise—LVPECL DIV1, 622.08 MHz
Figure 28. Additive Phase Noise—LVDS DIV2, 122.88 MHz
Figure 29. Additive Phase Noise—CMOS DIV4, 61.44 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com