Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS339 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AS339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS339 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AS339 Datasheet HTML 4Page - Diodes Incorporated AS339 Datasheet HTML 5Page - Diodes Incorporated AS339 Datasheet HTML 6Page - Diodes Incorporated AS339 Datasheet HTML 7Page - Diodes Incorporated AS339 Datasheet HTML 8Page - Diodes Incorporated AS339 Datasheet HTML 9Page - Diodes Incorporated AS339 Datasheet HTML 10Page - Diodes Incorporated AS339 Datasheet HTML 11Page - Diodes Incorporated AS339 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AS339/339A
Document number: DS36838 Rev. 3 - 2
8 of 12
www.diodes.com
May 2018
© Diodes Incorporated
AS339/339A
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: SO-14
Note: Eject hole, oriented hole and mold mark is optional.
8. 550(0. 337)
5°
7 °
0.700(0. 028)
0.100(0. 004)
0.250(0.010)
0.400(0. 016)
0°
R0.200(0. 008)
20:1
A
0.250(0. 010)
×45°
8 °
A
8 °
9.5 °
8 °
0 °
8 °
Depth 0.060(0. 002)
0.100(0. 004)
2. 000(0. 079)
1.270(0. 050)
8. 750(0. 344)
0.250(0. 010)
3.800(0. 150)
4.000(0. 157)
0.310(0. 012)
0.510(0. 020)
1.270(0. 050)
8°
R0.200(0. 008)
0.200(0.008)MIN
0.500(0.020)×45°
φ
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com