Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS339 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS339 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS339 Datasheet HTML 1Page - Diodes Incorporated AS339 Datasheet HTML 2Page - Diodes Incorporated AS339 Datasheet HTML 3Page - Diodes Incorporated AS339 Datasheet HTML 4Page - Diodes Incorporated AS339 Datasheet HTML 5Page - Diodes Incorporated AS339 Datasheet HTML 6Page - Diodes Incorporated AS339 Datasheet HTML 7Page - Diodes Incorporated AS339 Datasheet HTML 8Page - Diodes Incorporated AS339 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AS339/339A
Document number: DS36838 Rev. 3 - 2
1 of 12
www.diodes.com
May 2018
© Diodes Incorporated
AS339/339A
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Description
The AS339/339A consist of four independent precision voltage
comparators with a typical offset voltage of 2.0mV and high gain.
They are specifically designed to operate from a single power supply
over wide range of voltages. Operation from split power supply is also
possible and the low power supply current drain is independent of the
magnitude of the power supply voltage.
The AS339/339A series are compatible with industry standard 339.
The AS339A has more stringent input offset voltage than the AS339.
The AS339 is available in SO-14 and TSSOP-14 packages, and the
AS339A is available in SO-14 package.
Features
Wide Supply Voltage Range
Single Supply: 2.0V to 36V
Dual Supplies: ±1.0V to ±18V
Low Supply Current Drain: 0.9mA
Low Input Bias Current: 25nA (Typical)
Low Input Offset Current: ±5.0nA (Typical)
Low Input Offset Voltage: 2.0mV (Typical)
Input Common Mode Voltage Range Includes Ground
Differential Input Voltage Range Equals to the Power Supply
Voltage
Low Output Saturation Voltage: 200mV at 4mA
Open Collector Output
Lead-Free Packages: SO-14, TSSOP-14
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Packages, Available in “Green” Molding Compound:
SO-14, TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SO-14 / TSSOP-14
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
DC-DC Module
PC Motherboard
Communication Equipment
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gree
n” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
INPUT 1-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INPUT 1+
INPUT 2-
INPUT 2+
OUTPUT 1
VCC
OUTPUT 3
OUTPUT 4
INPUT 4+
GND
INPUT 4-
INPUT 3+
INPUT 3-
OUTPUT 2


Similar Part No. - AS339

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
JSC ALFA.
AS3394 ALFA-AS3394 Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
AS3394ED ALFA-AS3394ED Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
logo
BCD Semiconductor Manuf...
AS339A BCDSEMI-AS339A Datasheet
169Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - AS339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com