Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2141Q Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2141Q
Description  1.5A, Synchronous Step-Down Converter with VSEL Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141Q Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2141Q Datasheet HTML 14Page - Monolithic Power Systems MP2141Q Datasheet HTML 15Page - Monolithic Power Systems MP2141Q Datasheet HTML 16Page - Monolithic Power Systems MP2141Q Datasheet HTML 17Page - Monolithic Power Systems MP2141Q Datasheet HTML 18Page - Monolithic Power Systems MP2141Q Datasheet HTML 19Page - Monolithic Power Systems MP2141Q Datasheet HTML 20Page - Monolithic Power Systems MP2141Q Datasheet HTML 21Page - Monolithic Power Systems MP2141Q Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP2141Q
– 1.5A SYNCHRONOUS STEP-DOWN SWITCHER WITH VSEL
MP2141Q Rev. 1.0
www.MonolithicPower.com
21
2/6/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
MP2141Q-18
or MP2141Q-06
GND
VSEL
VIN
C1
10μF
EN
VIN
5V
VOUT
1.8V/1.5A
or 0.61V/1.5A
SW
C2
22μF
EN
OUT
L1
0.47μH
PFM
PWM
R3
kΩ
100
Figure 11: Typical Application Circuit
NOTE: VIN < 3.3V may need more input capacitors.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com