Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2141Q Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2141Q
Description  1.5A, Synchronous Step-Down Converter with VSEL Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141Q Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2141Q Datasheet HTML 8Page - Monolithic Power Systems MP2141Q Datasheet HTML 9Page - Monolithic Power Systems MP2141Q Datasheet HTML 10Page - Monolithic Power Systems MP2141Q Datasheet HTML 11Page - Monolithic Power Systems MP2141Q Datasheet HTML 12Page - Monolithic Power Systems MP2141Q Datasheet HTML 13Page - Monolithic Power Systems MP2141Q Datasheet HTML 14Page - Monolithic Power Systems MP2141Q Datasheet HTML 15Page - Monolithic Power Systems MP2141Q Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2141Q
– 1.5A SYNCHRONOUS STEP-DOWN SWITCHER WITH VSEL
MP2141Q Rev. 1.0
www.MonolithicPower.com
12
2/6/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VOUT = 1.8V, L = 0.47μH, COUT = 22μF, TA = +25°C, unless otherwise noted.
EN Start-Up
with 1.5A load, PFM
EN Shutdown
with 1.5A load, PFM
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
200µs/div.
1ms/div.
Load Transient Response
IOUT = 0A to 1.5A, PFM
Load Transient Response
IOUT = 0A to 1.5A, PWM
CH1:
VOUT/AC
50mV/div.
CH2: VIN
5V/div.
CH1: VSW
2V/div.
CH4: IOUT
2A/div.
CH1:
VOUT/AC
50mV/div.
CH2: VIN
5V/div.
CH1: VSW
2V/div.
CH4: IOUT
2A/div.
100µs/div.
100µs/div.
Load Transient Response
VIN = 3.6V, VOUT = 0.61V, IOUT = 0A to 1.5A,
PFM
Load Transient Response
VIN = 3.6V, VOUT = 0.61V, IOUT = 0A to 1.5A,
PWM
CH1:
VOUT/AC
50mV/div.
CH2: VIN
5V/div.
CH1: VSW
2V/div.
CH4: IOUT
2A/div.
CH1:
VOUT/AC
50mV/div.
CH2: VIN
5V/div.
CH1: VSW
2V/div.
CH4: IOUT
2A/div.
100µs/div.
100µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com