Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS6332 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GS6332
Description  3 Pin, Low-Power, P Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332 Datasheet(HTML) 2 Page - Vishay Siliconix

  GS6332 Datasheet HTML 1Page - Vishay Siliconix GS6332 Datasheet HTML 2Page - Vishay Siliconix GS6332 Datasheet HTML 3Page - Vishay Siliconix GS6332 Datasheet HTML 4Page - Vishay Siliconix GS6332 Datasheet HTML 5Page - Vishay Siliconix GS6332 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74810
2
22-May-02
Reset Active Low
Reset Timeout
Period (Typical)
1: 1.5mS
2: 30mS
3: 150mS
(Standard)
Reset Voltage
Options (Typical)
15: 1.5V
16: 1.6V (Standard)
18: 1.8V (Standard)
19: 1.9V
20: 2.0V (Standard)
21: 2.1V
22: 2.2V (Standard)
23: 2.3V (Standard)
24: 2.4V
25: 2.5V
Reset Active High
GS6332URxxDx
GS6333URxxDx
Sample stock is generally available on standard parts.
Contact our local sales office for availability of non stan-
dard versions (minimum order quantity is 10,000 pcs).
Ordering Information
Marking Codes
GS6333
GS6332
Product No.
Marking
Product No.
Marking
GS6333UR15D1
ADxxx
GS6332UR15D1
BNxxx
GS6333UR15D2
AExxx
GS6332UR15D2
BOxxx
GS6333UR15D3
AGxxx
GS6332UR15D3
BPxxx
GS6333UR16D1
AHxxx
GS6332UR16D1
BRxxx
GS6333UR16D2
AIxxx
GS6332UR16D2
BSxxx
GS6333UR16D3
AKxxx
GS6332UR16D3
BTxxx
GS6333UR18D1
ALxxx
GS6332UR18D1
BVxxx
GS6333UR18D2
AMxxx
GS6332UR18D2
BWxxx
GS6333UR18D3
ANxxx
GS6332UR18D3
BXxxx
GS6333UR19D1
AOxxx
GS6332UR19D1
BYxxx
GS6333UR19D2
APxxx
GS6332UR19D2
BZxxx
GS6333UR19D3
ARxxx
GS6332UR19D3
CAxxx
GS6333UR20D1
ASxxx
GS6332UR20D1
CBxxx
GS6333UR20D2
ATxxx
GS6332UR20D2
CCxxx
GS6333UR20D3
AVxxx
GS6332UR20D3
CDxxx
GS6333UR21D1
AWxxx
GS6332UR21D1
CExxx
GS6333UR21D2
AXxxx
GS6332UR21D2
CGxxx
GS6333UR21D3
AYxxx
GS6332UR21D3
CHxxx
GS6333UR22D1
AZxxx
GS6332UR22D1
CIxxx
GS6333UR22D2
BAxxx
GS6332UR22D2
CKxxx
GS6333UR22D3
BBxxx
GS6332UR22D3
CLxxx
GS6333UR23D1
BCxxx
GS6332UR23D1
CMxxx
GS6333UR23D2
BDxxx
GS6332UR23D2
CNxxx
GS6333UR23D3
BExxx
GS6332UR23D3
COxxx
GS6333UR24D1
BGxxx
GS6332UR24D1
CPxxx
GS6333UR24D2
BHxxx
GS6332UR24D2
CRxxx
GS6333UR24D3
BIxxx
GS6332UR24D3
CSxxx
GS6333UR25D1
BKxxx
GS6332UR25D1
CTxxx
GS6333UR25D2
BLxxx
GS6332UR25D2
CVxxx
GS6333UR25D3
BMxxx
GS6332UR25D3
CWxxx



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com