Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS6332 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GS6332
Description  3 Pin, Low-Power, P Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332 Datasheet(HTML) 3 Page - Vishay Siliconix

  GS6332 Datasheet HTML 1Page - Vishay Siliconix GS6332 Datasheet HTML 2Page - Vishay Siliconix GS6332 Datasheet HTML 3Page - Vishay Siliconix GS6332 Datasheet HTML 4Page - Vishay Siliconix GS6332 Datasheet HTML 5Page - Vishay Siliconix GS6332 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
Document Number 74810
www.vishay.com
22-May-02
3
Absolute Maximum Ratings(1)
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
6.0
V
Reset/Reset
–0.3 to (Vcc + 0.3)
V
Input Current, Vcc
20
mA
Output Current, Reset/Reset
20
mA
dV/dT (Vcc)
100
V/
µS
Operating Temperature Range
TA
–40 to +125
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Power Dissipation (TA
≤ 70°C)
PD
260
mW
SOT-23 (Derate 4mW/°C above 70°C)
Note: (1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Characteristics TA = –40°C to 125°C unless otherwise noted. Typical values are at TA = 25°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TA = 25°C1
–
5.5
Vcc Range
VRANGE
TA = –40 to +85°C1
–
5.5
V
TA = –40 to +125°C
1.2
–
5.5
Supply Current
ICC
Vcc = 3.0V
––
7.0
µA
(No Load)
TA = 25°C
––
3.0
Reset Threshold
VTH
TA = 25°C
VTH –1.8%
VTH
VTH+1.8%
V
TA = –40 to +125°C
VTH –3%
VTH
VTH+3%
Threshold Hysteresis
VTH HIST
0.4
%VTH
GS6332 VCC > VTH
Reset Output Voltage Low
VOL
GS6333 VCC < VTH
––
V
ISINK = 50
µA, VCC ≥1.0V
0.4
ISINK = 500
µA, VCC ≥1.8V
0.3
GS6332 VCC < VTH
Reset Output Voltage High
VOH
GS6333 VCC > VTH
––
V
ISOURCE = 200
µA, VCC≥1.8V 0.8VCC
ISOURCE = 500
µA, VCC≥2.7V 0.8VCC
VCC Falling Reset Delay
TD1
VCC to VTH – 100mV
––
40
µS
GS633xUR
−D1
0.5
1.5
5
Reset Timeout Period
TD2
GS633xUR
−D2
15
30
50
mS
GS633xUR
−D3
80
150
230



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com