Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOW296 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOW296
Description  100V N-Channel AlphaSGT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW296 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOW296 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AOW296/AOWF296
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
20
40
60
80
100
120
2
3
4
5
6
V
GS (Volts)
Figure 2: Transfer Characteristics (Note E)
4
6
8
10
12
14
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=6V
I
D=20A
V
GS=10V
I
D=20A
25
°
C
125
°
C
V
DS=5V
V
GS=6V
V
GS=10V
0
20
40
60
80
100
120
0
1
2
3
4
5
V
DS (Volts)
Figure 1: On-Region Characteristics (Note E)
V
GS=4V
5V
4.5V
10V
6V
D
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
(Note E)
25
°
C
125
°
C
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
5
10
15
20
25
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=20A
25
°
C
125
°
C
Rev.1.0: February 2017
www.aosmd.com
Page 3 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com