Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2904443 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2904443
Description  Cable - CABLE-KS40/KS40/20M/YUC/CS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2904443 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2904443 Datasheet HTML 1Page - PHOENIX CONTACT 2904443 Datasheet HTML 2Page - PHOENIX CONTACT 2904443 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2904443
09/07/2016   Page 1 / 3
Cable - CABLE-KS40/KS40/20M/YUC/CS - 2904443
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 20.0 m
Illustration shows the 50-pos. version
Key Commercial Data
Packing unit
1 STK
Custom tariff number
85444290
Country of origin
SKR
Technical data
General
Nominal voltage UN
30 V DC
Max. current carrying capacity per path
500 mA (up to 70°C ambient temperature)
Max. conductor resistance
0.16 Ω/m
Length of cable
20 m
Single wire, cross section
0.14 mm²
Single wire, cross section [AWG]
26
Conductor construction: Number of litz wires:
7
Single wire, material
Cu tin-plated
External diameter
11 mm
Shielding
yes
Outer sheath, material
PVC
External sheath, color
gray RAL 7035
Environmental conditions
Ambient temperature (operation)
-20 °C ... 50 °C


Similar Part No. - 2904443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904440 PHOENIX-2904440 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/17M/YUC/CS
2904441 PHOENIX-2904441 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/18M/YUC/CS
2904442 PHOENIX-2904442 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/19M/YUC/CS
2904444 PHOENIX-2904444 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/25M/YUC/CS
2904445 PHOENIX-2904445 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/30M/YUC/CS
More results

Similar Description - 2904443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904426 PHOENIX-2904426 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/3.0M/YUC/CS
2904428 PHOENIX-2904428 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/5.0M/YUC/CS
2904429 PHOENIX-2904429 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/6.0M/YUC/CS
2904433 PHOENIX-2904433 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/10M/YUC/CS
2904436 PHOENIX-2904436 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/13M/YUC/CS
2904437 PHOENIX-2904437 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/14M/YUC/CS
2904441 PHOENIX-2904441 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/18M/YUC/CS
2904442 PHOENIX-2904442 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/19M/YUC/CS
2904444 PHOENIX-2904444 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/25M/YUC/CS
2904445 PHOENIX-2904445 Datasheet
48Kb / 3P
Cable - CABLE-KS40/KS40/30M/YUC/CS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com