Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2904443 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2904443
Description  Cable - CABLE-KS40/KS40/20M/YUC/CS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2904443 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2904443 Datasheet HTML 1Page - PHOENIX CONTACT 2904443 Datasheet HTML 2Page - PHOENIX CONTACT 2904443 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2904443
09/07/2016   Page 2 / 3
Cable - CABLE-KS40/KS40/20M/YUC/CS - 2904443
Technical data
Environmental conditions
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Flame resistance
IEC 60332-3-22
Resistance to oil
DIN VDE 0472 Part 803, test type B
Gasoline resistance
Against occasional splashes
Connector, module side
Connection name
Field level
Connection method
Yokogawa, KS compatible
Torque
0.5 Nm (Screw connection)
Number of connections
1
Number of positions
40
Connector, controller side
Connection name
Controller level
Connection method
Yokogawa, I/O cards compatible
Torque
0.5 Nm (Screw connection)
Number of connections
1
Number of positions
40
Supported controller
Controller
YOKOGAWA CS3000 CentumVP
Standards and Regulations
Resistance to oil
DIN VDE 0472 Part 803, test type B
Flame resistance
IEC 60332-3-22
Classifications
eCl@ss
eCl@ss 4.0
27060306
eCl@ss 4.1
27060306
eCl@ss 5.0
27061801
eCl@ss 6.0
27249205
eCl@ss 7.0
27249205
eCl@ss 8.0
27249205
eCl@ss 9.0
27242220
ETIM
ETIM 2.0
EC000237
ETIM 3.0
EC000237



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com