Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE14201T Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE14201T
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14201T Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE14201T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE14201T
P-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Ordering information
ACE14201T XX + H
Electrical Characteristics TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS=0V, ID=-250µA
-20
V
Zero gate voltage drain current
IDSS
VDS=-20V, VGS=0V
-1
µA
Gate threshold voltage
VGS(th)
VGS=VDS, IDS=-250µA
-0.3
-0.6
V
Gate leakage current
IGSS
VGS=±12V, VDS=0V
±100
nA
Drain-source on-state resistance
RDS(ON)
VGS=-4.5V, ID=-8A
6.5
mΩ
VGS=-2.5V, ID=-5A
9
VGS=-1.8V, ID=-3A
12
Forward trans conductance
gFS
VDS=-10V, ID=-5A
20
S
Diode forward voltage
VSD
ISD=-1A, VGS=0V
-1.2
V
Switching
Total gate charge
Qg
VGS=-4.5V, VDS=-10V, ID=-5A
44.4
nC
Gate-source charge
Qgs
7.2
Gate-drain charge
Qgd
10.2
Turn-on delay time
td(on)
VGS=-10V,VDD=-15V,
ID=-1A,RGEN = 6
Ω
13.2
ns
Turn-on rise time
Tr
68
Turn-off delay time
td(off)
160
Turn-off fall time
Tf
154
Dynamic
Input capacitance
Ciss
VGS=0V, VDS=-15V, f=1.0MHz
4060
pF
Output capacitance
Coss
520
Reverse transfer capacitance
Crss
400
FM: SOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com