Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE14201T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14201T
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14201T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14201T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14201T Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE14201T
P-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
The ACE14201T uses advanced trench technology and desgin to provide excellent RDS(ON) with low
gate charge. It can be used in a wide variety of applications.
Features
VDS (V) = -20V ID = -14A
RDS(ON)
≤ 8.5mΩ (V
GS = -4.5V)
RDS(ON)
≤ 12mΩ (V
GS = -2.5V)
RDS(ON)
≤ 17mΩ (V
GS = -1.8V)
Absolute Maximum Ratings @T
A=25℃ unless otherwise noted
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)*AC
TA=25℃
ID
-14
A
TA=100℃
-8.8
Drain Current (Pulsed)*B
IDM
-56
A
Avalanche energy L=0.1mH
EAS, EAR
22
mJ
Power Dissipation
TA=25℃
PD
2
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Thermal Resistance ,Junction-to-Ambient*
RθJA
62
℃/W
A: The value of RθJAis measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The cu
rrent rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
SOP-8


Similar Part No. - ACE14201T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE14201T

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com