Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFL210N30P3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFL210N30P3
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL210N30P3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFL210N30P3 Datasheet HTML 1Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 2Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 3Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 4Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
300
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
300
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C
108
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
550
A
I
A
T
C = 25C
105
A
E
AS
T
C = 25C4
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
35
V/ns
P
D
T
C = 25C
520
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force
40..120 / 9..27
N/lb
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL  1 mA
t = 1 s
3000
V~
Weight
8g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
300
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
5.0
V
I
GSS
V
GS = 20V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
A
Note 2, T
J = 125C
1.5 mA
R
DS(on)
V
GS = 10V, ID = 105A, Note 1
16 m
IXFL210N30P3
V
DSS
=
300V
I
D25
=
108A
R
DS(on)

16m
t
rr

250ns
DS100464A(12/13)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
Polar3TM HiPerFETTM
Power MOSFET
ISOPLUS264
G = Gate
D
= Drain
S = Source
G
D
S
Isolated
Tab
Features
Silicon Chip on Direct-Copper-Bond
Substrate
- High Power Dissipation
- Isolated Mounting Surface
- 2500V~ Electrical Isolation
Dynamic dv/dt Rating
Avalanche Rated
Fast Intrinsic Rectifier
Low R
DS(on)
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
Uninterrupted Power Supplies
AC Motor Drives
High Speed Power Switching
Applications
(Electrically Isolated Tab)
Preliminary Technical Information


Similar Part No. - IXFL210N30P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL100N50P IXYS-IXFL100N50P Datasheet
211Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFL100N50P IXYS-IXFL100N50P Datasheet
167Kb / 6P
Power MOSFET
IXFL100N50P IXYS-IXFL100N50P_V01 Datasheet
167Kb / 6P
Power MOSFET
IXFL132N50P3 IXYS-IXFL132N50P3 Datasheet
192Kb / 6P
Polar3 HiPerFET Power MOSFET
IXFL30N120P IXYS-IXFL30N120P Datasheet
115Kb / 4P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFL210N30P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N80Q3 IXYS-IXFN44N80Q3 Datasheet
129Kb / 2P
N-Channel Enhancement Mode Fast Intrinsic Rectifier Avalanche Rated
MMIX1F40N110P IXYS-MMIX1F40N110P Datasheet
184Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F60N50P3 IXYS-MMIX2F60N50P3 Datasheet
218Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F150N20T IXYS-MMIX2F150N20T Datasheet
267Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFB210N30P3 IXYS-IXFB210N30P3 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA140N12T2 IXYS-IXTA140N12T2 Datasheet
210Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA26N50P3 IXYS-IXFA26N50P3 Datasheet
306Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA14N60P3 IXYS-IXFA14N60P3 Datasheet
282Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA36N30P3 IXYS-IXFA36N30P3 Datasheet
202Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA80N12T2 IXYS-IXTA80N12T2 Datasheet
203Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com