Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFL210N30P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFL210N30P3
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL210N30P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFL210N30P3 Datasheet HTML 1Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 2Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 3Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 4Page - IXYS Corporation IXFL210N30P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXFL210N30P3
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
1
= Gate
2,4 = Drain
3
= Source
ISOPLUS264 (IXFL) OUTLINE
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
60
100
S
C
iss
16.2
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
2550
pF
C
rss
42
pF
R
Gi
Gate Input Resistance
1.0

t
d(on)
46
ns
t
r
25
ns
t
d(off)
94
ns
t
f
13
ns
Q
g(on)
268
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
80
nC
Q
gd
72
nC
R
thJC
0.24
C/W
R
thCS
0.15
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
210
A
I
SM
Repetitive, Pulse Width Limited by T
JM
840
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.5
V
t
rr
250 ns
Q
RM
4.1
C
I
RM
28
A
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
R
G = 1 (External)
I
F = 105A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Part must be heatsunk for high-temp I
DSS measurement.
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com