Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT5V49EE503 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5V49EE503
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V49EE503 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5V49EE503 Datasheet HTML 1Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 2Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 3Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 4Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 5Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 6Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 7Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 8Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
IDT5V49EE503
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
3
IDT5V49EE503
REV Q 071015
Pin Configuration
Pin Descriptions
1
7
24-pin QFN
19
13
XIN/REF
VDDx
GND
VDD
CLKSEL
OUT3
XOUT
GND
AVDD
OUT6
VDD
CLKIN
Pin#
Pin Name
I/O
Pin Type
Pin Description
1
VDD
Power
Device power supply. Connect to 3.3V.
2
XOUT
O
LVTTL
CRYSTAL_OUT -- Reference crystal feedback.
3
XIN / REF
I
LVTTL
CRYSTAL_IN -- Reference crystal input or external reference clock
input.
4
VDDx
Power
Crystal oscillator power supply. Connect to 3.3V through 5
resistor. Use filtered analog power supply if available.
5
CLKIN
I
LVTTL
Input clock. Weak internal pull down resistor.
6
GND
Power
Connect to Ground.
7
OUT1
O
LVTTL
Configurable clock output 1.
8
OUT2
O
LVTTL
Configurable clock output 2.
9
VDD
Power
Device power supply. Connect to 3.3V.
10
VDD
Power
Device power supply. Connect to 3.3V.
11
SDAT
I/O
Open Drain
Bidirectional I2C data.
12
SCLK
I
LVTTL
I2C clock.
13
CLKSEL
I
LVTTL
Input clock selector. Weak internal pull down resistor.
14
AVDD
Power
Device analog power supply. Connect to 3.3V. Use filtered analog
power supply if available.
15
GND
Power
Connect to Ground.
16
OUT6
O
LVTTL
Configurable clock output 6.
17
OUT3
O
LVTTL
Configurable clock output 3.
18
VDD
Power
Device power supply. Connect to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com