Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT5V49EE503 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT5V49EE503
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V49EE503 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT5V49EE503 Datasheet HTML 4Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 5Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 6Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 7Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 8Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 9Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 10Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 11Page - Integrated Device Technology IDT5V49EE503 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
IDT5V49EE503
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
8
IDT5V49EE503
REV Q 071015
SS_OFFSET[5:0]
These bits are used to program the fractional offset with
respect to the nominal M integer value. For center spread,
the SS_OFFSET is set to '0' so that the spread spectrum
waveform is centered about the nominal M (Mnom) value.
For down spread, the SS_OFFSET > '0' such the spread
spectrum waveform is centered about the (Mideal -1
+SS_Offset) value. The downspread percentage can be
thought of in terms of center spread. For example, a
downspread of -1% can also be considered as a center
spread of ±0.5% but with Mnom shifted down by one and
offset. The SS_OFFSET has integer values ranging from 0
to 63.
SD[3:0]
These bits are used to shape the profile of the spread
spectrum waveform. These are delta-encoded samples of
the waveform. There are twelve sets of SD samples. The
NSSC bits determine how many of these samples are used
for the waveform. The sum of these delta-encoded samples
(sigma delta- encoded samples) determine the amount of
spread and should not exceed (63 - SS_OFFSET). The
maximum spread is inversely proportional to the nominal M
integer value.
DITH
This bit is used for dithering the sigma-delta-encoded
samples. This will randomize the least-significant bit of the
input to the spread spectrum modulator. Set the bit to '1' to
enable dithering.
X2
This bit will double the total value of the
sigma-delta-encoded-samples which will increase the
amplitude of the spread spectrum waveform by a factor of
two. When X2 is '0', the amplitude remains nominal but if set
to '1', the amplitude is increased by x2. The following
equations govern how the spread spectrum is set:
TSSC = TSSC[3:0] + 2 (Eq. 2)
NSSC = NSSC[2:0] * 2 (Eq. 3)
SD[3:0]K = SJ+1(unencoded) - SJ(unencoded) (Eq. 4)
where SJ is the unencoded sample out of a possible 12 and
SDK is the delta-encoded sample out of a possible 12.
Amplitude = ((2*N[11:0] + A[3:0] + 1) * Spread% / 100) /2
(Eq. 5)
if 1 < Amplitude < 2, then set X2 bit to '1'.
Modulation frequency:
FPFD = FIN / D (Eq. 6)
FVCO = FPFD * MNOM (Eq. 7)
FSSC = FPFD / (4 * Nssc * Tssc) (Eq. 8)
Spread:
= SD0 + SD1 + SD2 + …+ SD11
the number of samples used depends on the NSSC value
 63 - SS_OFFSET
±Spread% = (* 100)/(64 * (2*N[11:0] + A[3:0] + 1) (Eq. 9)
±Max Spread% / 100 = 1 / MNOM or 2 / MNOM (X2=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com