Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-50B Datasheet(PDF) 2 Page - CUI INC

Part # VOF-50B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-50B Datasheet(HTML) 2 Page - CUI INC

  VOF-50B Datasheet HTML 1Page - CUI INC VOF-50B Datasheet HTML 2Page - CUI INC VOF-50B Datasheet HTML 3Page - CUI INC VOF-50B Datasheet HTML 4Page - CUI INC VOF-50B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 10/16/2018
│ page 2 of 5
CUI Inc
│ SERIES: VOF-50B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
1.7
0.8
A
A
inrush current
at 230 Vac, cold start, 25 °C
90
A
leakage current
at 264 Vac, 63 Hz
0.25
mA
no load power consumption
at 110 Vac
at 230 Vac
0.19
0.3
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
initial set point accuracy
±3
%
line regulation
at full load
±0.5
%
load regulation
at 10% to full load
±1
%
adjustability
built in trim pot
±5
%
start-up time
at 100 Vac, full load
1
s
rise time
at 100 Vac, full load
50
ms
hold-up time
at 115 Vac, full load
10
ms
switching frequency
at full load
62
87
kHz
temperature coefficient
±0.04
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
latch off
110
130
%
over current protection
auto recovery
short circuit protection
auto recovery
over temperature protection
latch off
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
3,000
Vac
safety approvals
UL 62368-1, EN 62368-1, IEC 62368-1
safety class
Class II
conducted emissions
EN 55032 Class B, FCC Class B
radiated emissions
EN 55032 Class B, FCC Class B
input current harmonics
EN 61000-3-2 Class A
voltage fluctuation and flicker
EN 61000-3-3
ESD immunity
EN 61000-4-2, air: ±8 kV; contact: ±4 kV contact
radiated field immunity
EN 61000-4-3, 3 V/m
electrical fast transient
immunity
EN 61000-4-4, ±2 kV
Notes:
3. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com