Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-50B Datasheet(PDF) 3 Page - CUI INC

Part # VOF-50B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-50B Datasheet(HTML) 3 Page - CUI INC

  VOF-50B Datasheet HTML 1Page - CUI INC VOF-50B Datasheet HTML 2Page - CUI INC VOF-50B Datasheet HTML 3Page - CUI INC VOF-50B Datasheet HTML 4Page - CUI INC VOF-50B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 10/16/2018
│ page 3 of 5
CUI Inc
│ SERIES: VOF-50B │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
surge immunity
EN 61000-4-5, ±2 kV diff, ±4 kV com
conducted immunity
EN 61000-4-6, 3 Vrms
magnetic field immunity
EN 61000-4-8, 50 Hz, 1 A/m (rms), Class A
voltage dips, interruptions
EN 61000-4-11:
voltage dips 30% reduction for 500 ms, Class A
voltage dips >95% reduction for 10 ms, Class A
voltage dips >95% reduction for 5000 ms, Class B
MTBF
as per MIL-HDBK-217F, 25°C, full load
350,000
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
5
95
%
altitude
5,000
m
DERATING CURVES
EFFICIENCY CURVES
VOF-50B-12 Efficiency vs. Output Load
(Natural Convection)
VOF-50B-15 Efficiency vs. Output Load
(Natural Convection)
Output Load vs. Ambient Temperature
100
80
60
40
20
Input Voltage (Vac)
264
90
150
180
210
240
120
Output Load vs. Input Voltage
100
80
60
40
20
Ambient Temperature (°C)
40
50
60
50
-20
-10
0102030
70
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com