Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3021 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3021fa
BLOCK DIAGRA
SHUTDOWN
–
+
CURRENT
GAIN
THERMAL
SHUTDOWN
R3
R2
R1
3021 BD
D1
Q1
D2
Q2
ERROR AMP
NO-LOAD
RECOVERY
Q3
IN
(12, 14/8)
OUT
(3,4/2)
OUT SENSE
(7/3)
NOTE:
FOR LT3021 ADJUST PIN (7/3) IS CONNECTED TO
THE ADJUST PIN, R1 AND R2 ARE EXTERNAL.
FOR LT3021-1.X PIN (7/3) IS CONNECTED TO THE
OUTPUT SENSE PIN, R1 AND R2 ARE INTERNAL.
GND
(8,10,17/4,6)
ADJ
(7/3)
SHDN
(9/5)
200mV
212mV
BIAS CURRENT
AND
REFERENCE
GENERATOR
FIXED
VOUT
1.2V
1.5V
1.8V
R1
20k
20k
20k
R2
100k
130k
160k
25k
PI FU CTIO S
OUT (Pins 3, 4/Pin 2): These pins supply power to the load.
Use a minimum output capacitor of 3.3
µF to prevent oscil-
lations. Applications with large load transients require larger
output capacitors to limit peak voltage transients. See the
Applications Information section for more information on
output capacitance and reverse output characteristics.
SENSE (Pin 7/Pin 3, Fixed Voltage Device Only): This pin
is the sense point for the internal resistor divider. It should
be tied directly to the OUT pins (1, 2) for best results.
ADJ (Pin 7/Pin 3): This pin is the inverting terminal to the
error amplifier. Its typical input bias current of 20nA flows
out of the pin (see curve of ADJ Pin Bias Current vs
Temperature in the Typical Performance Characteristics).
The ADJ pin reference voltage is 200mV (referred to GND).
AGND (Pin 8/Pin 4): Ground.
PGND (Pins 10, 17/Pin 6): Ground.
SHDN (Pin 9/Pin 5): The SHDN pin puts the LT3021 into
a low power state. Pulling the SHDN pin low turns the
output off. Drive the SHDN pin with either logic or an open
collector/drain device with a pull-up resistor. The pull-up
resistor supplies the pull-up current to the open collector/
drain logic, normally several microamperes, and the SHDN
pin current, typically 2.5
µA. If unused, connect the SHDN
pin to VIN. The LT3021 does not function if the SHDN pin
is not connected.
IN (Pins 12, 14/Pin 8): These pins supply power to the
device. The LT3021 requires a bypass capacitor at IN if it
is more than six inches away from the main input filter
capacitor. The output impedance of a battery rises with fre-
quency, so include a bypass capacitor in battery-powered
circuits. A bypass capacitor in the range of 3.3
µF to 10µF
suffices. The LT3021 withstands reverse voltages on the
IN pin with respect to ground and the OUT pin. In the case
of a reversed input, which occurs if a battery is plugged in
backwards, the LT3021 acts as if a diode is in series with
its input. No reverse current flows into the LT3021 and no
reverse voltage appears at the load. The device protects itself
and the load.
EXPOSED PAD (Pin 17, DH16 Package Only): Ground.
Solder Pin 17 to the PCB ground. Connect directly to Pins
5, 8, 10 for best performance.
NC (Pins 1, 2, 5, 6, 11, 15, 16/Pins 1, 7)
(DH Package/S8 Package)
(DH Package/S8 Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com