Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3021 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3021 Datasheet HTML 2Page - Linear Technology LT3021 Datasheet HTML 3Page - Linear Technology LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3021fa
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
8
7
6
4
5
3
2
1
0
8
3021 G06
2
135
79
4
6
10
VOUT = 1.2V
TJ = 25°C
RL = 12Ω
IL = 100mA
RL = 2.4Ω
IL = 500mA
RL = 4.8Ω
IL = 250mA
RL = 24Ω
IL = 50mA
RL = 120Ω
IL = 10mA
RL = 1.2k, IL = 1mA
GND Pin Current
GND Pin Current
GND Pin Current
INPUT VOLTAGE (V)
8
6
4
7
5
3
2
1
0
24
6
8
3021 G24
10
1
03
5
7
9
VOUT = 1.5V
TJ = 25°C
RL = 3Ω
IL = 500mA
RL = 6Ω
IL = 250mA
RL = 15Ω
IL = 100mA
RL = 30Ω
IL = 50mA
RL = 1.5k, IL = 1mA
RL = 150Ω
IL = 10mA
INPUT VOLTAGE (V)
9
8
6
4
7
5
3
2
1
0
24
6
8
3021 G25
10
1
03
5
7
9
VOUT = 1.8V
TJ = 25°C
RL = 3.6Ω
IL = 500mA
RL = 7.2Ω
IL = 250mA
RL = 18Ω
IL = 100mA
RL = 36Ω
IL = 50mA
RL = 1.8k, IL = 1mA
RL = 180Ω
IL = 10mA
Reverse Output Current
TEMPERATURE (
°C)
–50
0
3021 G13
25
0
–25
50
75
125
100
VIN = 0V
VOUT = 1.2V
500
450
400
300
350
250
200
150
100
50
0
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN Pin Input Current
SHDN Pin Input Current
Current Limit
LOAD CURRENT (mA)
0
10
9
8
6
7
5
4
3
2
1
0
3021 G07
200
100
300
400
500
VSHDN = 10V
SHDN PIN VOLTAGE (V)
0
5.0
4.5
4.0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
0
8
3021 G09
2
135
79
4
6
10
TEMPERATURE (
°C)
–50
0
3021 G10
25
0
–25
50
75
125
100
VSHDN = 10V
5
4
3
2
1
0
TEMPERATURE (
°C)
–50
0
3021 G12
25
0
–25
50
75
125
100
VOUT = 0V
VIN = 1.7V
VIN = 10V
2.0
1.8
1.6
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3021 G08
25
0
–25
50
75
125
100
IL = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com